Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE97TL Datasheet(PDF) 41 Page - NXP Semiconductors

Part # SE97TL
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TL Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button SE97TL Datasheet HTML 37Page - NXP Semiconductors SE97TL Datasheet HTML 38Page - NXP Semiconductors SE97TL Datasheet HTML 39Page - NXP Semiconductors SE97TL Datasheet HTML 40Page - NXP Semiconductors SE97TL Datasheet HTML 41Page - NXP Semiconductors SE97TL Datasheet HTML 42Page - NXP Semiconductors SE97TL Datasheet HTML 43Page - NXP Semiconductors SE97TL Datasheet HTML 44Page - NXP Semiconductors SE97TL Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
41 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
VDD = 3.0 V to 3.6 V.
From 25
°C (air) to 120 °C (oil bath).
(1) TSSOP8
(2) HVSON8, HWSON8, HXSON8
VDD = 3.3 V + 150 mV (p-p); 0.1 µF AC coupling
capacitor; no decoupling capacitor; Tamb =25 °C.
Fig 37. Package thermal response
Fig 38. Temperature error versus power supply noise
frequency
40
80
120
thermal
response
(%)
0
time (s)
05
4
23
1
002aac905
(1)
(2)
noise frequency (Hz)
102
108
107
106
103
105
104
002aac914
1
3
5
temp error
(
°C)
−1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com