Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2294 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2294
Description  FM IF IC FOR PAGER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2294 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2294 Datasheet HTML 1Page - New Japan Radio NJM2294 Datasheet HTML 2Page - New Japan Radio NJM2294 Datasheet HTML 3Page - New Japan Radio NJM2294 Datasheet HTML 4Page - New Japan Radio NJM2294 Datasheet HTML 5Page - New Japan Radio NJM2294 Datasheet HTML 6Page - New Japan Radio NJM2294 Datasheet HTML 7Page - New Japan Radio NJM2294 Datasheet HTML 8Page - New Japan Radio NJM2294 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM2294
-7-
Ver.2003-12-09
■ TERMINAL FUNCTION
PIN NO.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
7
LPF-IN
An input terminal of a low pass
filter.
This terminal is biased from the
AF-OUT terminal (6pin) through
an external RC filter.
8
LPF-OUT
An output terminal of a low pass
filter.
4
FSK-REF
A Reference input terminal of a
wave shaping comparator.
This terminal is connected with
an external capacitor.
12
FSK-OUT
An output terminal of a wave
shaping
circuit.
The
Wave
shaped signal inverted for the
LPF output comes out.
10
BS
A Control terminal of a battery
saving circuit.
H : This circuit is OFF.
L : This circuit is ON.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com