Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2525 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2525
Description  4CH VIDEO AMPLIFIER WITH SW&SD/ HD LPF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2525 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2525 Datasheet HTML 1Page - New Japan Radio NJM2525 Datasheet HTML 2Page - New Japan Radio NJM2525 Datasheet HTML 3Page - New Japan Radio NJM2525 Datasheet HTML 4Page - New Japan Radio NJM2525 Datasheet HTML 5Page - New Japan Radio NJM2525 Datasheet HTML 6Page - New Japan Radio NJM2525 Datasheet HTML 7Page - New Japan Radio NJM2525 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
-7-
NJM2525
s
s
s
sTERMINAL DESCRIPTION
PIN No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
TERMINAL
VOLTAGE
1
2
8
9
13
15
16
18
20
21
32
VIN
VING
YIN2
YING
PBIN
PBIN2
PBING
PRIN
PRIN2
PRING
SCIN
V input
VGND input
Y input 2
YGND input
PB input
PB input2
PBGND input
PR input
PR input 2
PRGND input
SC input
2.5V
3
10
CLV1
CLY1
V isolation output
Y isolation output
2.5V
4
6
11
31
CLV2
YIN
CLY2
SYIN
V isolation input
Y input
Y isolation input
SY input
1.7V
7
14
17
19
PS1
PS2
SLSW
LPFSW
Power Save 1
Power Save 2
Input control switch
LPF control switch
-
V+
GND
100
150k
V+
GND
58k
48k
GND
V+
GND
100
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com