Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2537 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2537
Description  FM IF IC FOR PAGERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2537 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2537 Datasheet HTML 2Page - New Japan Radio NJM2537 Datasheet HTML 3Page - New Japan Radio NJM2537 Datasheet HTML 4Page - New Japan Radio NJM2537 Datasheet HTML 5Page - New Japan Radio NJM2537 Datasheet HTML 6Page - New Japan Radio NJM2537 Datasheet HTML 7Page - New Japan Radio NJM2537 Datasheet HTML 8Page - New Japan Radio NJM2537 Datasheet HTML 9Page - New Japan Radio NJM2537 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2537
-7-
Ver.2003-12-09
■ TYPICAL CHARACTERISTICS
S+N N, AMR vs. Mixer Input
S+N, N, AMR vs. IF Input


=
±
=
=
=
=
=
+
Hz
600
mod
f
,
kHz
4
fdev
,
dBuV
110
VLO
MHz
155
.
22
fLO
,
MHz
7
.
21
fRF
,
V
4
.
1
V
(V+=1.4V, fIF=455kHz, fdev=±4kHz, fmod=600Hz)
Mixer Gain vs. Supply Voltage
Operating Current vs. Supply Voltage
(fin=21.7MHz, VRF=60dBuV, fLO=22.155MHz, VLO=110dBu)
(No Signal)
RSSI vs. Supply Voltage
Demodulated Output vs. Supply Voltage
(VIF=65dBuVEMF, fIF=455kHz)
(Vin=60dBuVEMF, fIF=455kHz, fmod=600Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com