Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2552 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2552
Description  100MHz INPUT MIXER AND 450kHz FM/AM IF DEMODULATOR IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2552 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2552 Datasheet HTML 3Page - New Japan Radio NJM2552 Datasheet HTML 4Page - New Japan Radio NJM2552 Datasheet HTML 5Page - New Japan Radio NJM2552 Datasheet HTML 6Page - New Japan Radio NJM2552 Datasheet HTML 7Page - New Japan Radio NJM2552 Datasheet HTML 8Page - New Japan Radio NJM2552 Datasheet HTML 9Page - New Japan Radio NJM2552 Datasheet HTML 10Page - New Japan Radio NJM2552 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
NJM2552
-7-
Ver.2007-10-24
!
TERMINAL FUNCTION (Ta=25°C , V
+=2.7V , circuit 1)
Pin No.
SYMBOL
EQUIVARENT CIRCUIT
VOLTAGE
FUNCTION
1
OSC (B)
2.66V
2
OSC (E)
1.95V
Oscillator Base /
Oscillator Emitter
Colpitts - type oscillator is formed
with an external oscillator element
of crystal unit or SAW resonator.
Output of an external oscillator
circuit can also input to pin1 or
pin2.
3
MIX OUT
1.75V
Mixer Output
An external 450kHz ceramic filter
is connected. The typical output
impedance is 1.8kΩ.
4
GND
-
--
Ground
5
AM IF IN
1.35V
AM IF Input
This is an AM IF signal input to
AGC amplifier. The typical input
impedance is 10kΩ.
6
AM DEC
1.35V
AM IF Decoupling
This is an AM IF decoupling
terminal for AGC amplifier.
An external decoupling capacitor
is connected to enhance stability.
7
FM IF IN
2.66V
IF Limiter Amplifier Input
This is an input to the IF amplifier
after passing through 450kHz
ceramic filter. The typical input
impedance is 1.8kΩ.
8
FM DEC
2.66V
IF Decoupling
An external decoupling capacitor
is connected to enhance stability.
1
2
22k
2k
170u
V+
GND
200k
1.4k
135u
3
20p
V+
GND
10k
1.24V
6
25u
5
V+
GND
8
7
51k
0.9k 0.9k
80u
2k
V+
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com