Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2718 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2718
Description  Single-Supply High-Operating voltage Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2718 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2718 Datasheet HTML 2Page - New Japan Radio NJM2718 Datasheet HTML 3Page - New Japan Radio NJM2718 Datasheet HTML 4Page - New Japan Radio NJM2718 Datasheet HTML 5Page - New Japan Radio NJM2718 Datasheet HTML 6Page - New Japan Radio NJM2718 Datasheet HTML 7Page - New Japan Radio NJM2718 Datasheet HTML 8Page - New Japan Radio NJM2718 Datasheet HTML 9Page - New Japan Radio NJM2718 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2718
- 7 -
Ver.2008-04-21
■ TYPICAL CHARACTERISTICS
Maximum Output Voltage vs. Load Resistance
(Temperature)
V
+/V-=±15V, R
L to 0V
-15
-10
-5
0
5
10
15
0k
0k
1k
10k
100k
Load Resistance [Ω]
Ta=25ºC
Ta=-40ºC
Ta=85ºC
10
100
Maximum Output Voltage vs. Load Resistance
(Temperature)
V
+=5V, R
L to 0V
0.0
1.0
2.0
3.0
4.0
5.0
0k
0k
1k
10k
100k
Load Resistance [Ω]
Ta=25ºC
Ta=-40ºC
Ta=85ºC
10
100
Maximum Output Voltage vs. Output Current
(Temperature)
V
+/V-=±15V, Input=+1/-1V
-15
-10
-5
0
5
10
15
0.1
1
10
100
Output Current [mA]
Ta=85ºC
Ta=-40ºC
Ta=25ºC
Maximum Output Voltage vs. Output Current
(Temperature)
V
+/V-=±2.5V, Input=+1/-1V
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0.1
1
10
100
Output Current [mA]
Ta=85ºC
Ta=-40ºC
Ta=25ºC
Maximum Output Voltage vs. Frequency
V
+/V-=±15V, A
V=+1, THD≤1%, RL=2k, Ta=25ºC
0
5
10
15
20
25
30
0M
0M
0M
0M
1M
10M
Frequency [Hz]
100
1k
10k
100k
THD
≤1%
Maximum Output Voltage vs. Frequency
V
+/V-=±2.5V, A
V=+1, THD≤1%, RL=2k, Ta=25ºC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0M
0M
0M
0M
1M
10M
Frequency [Hz]
100
1k
10k
100k
THD
≤1%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com