Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2729 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2729
Description  Precision Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2729 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2729 Datasheet HTML 3Page - New Japan Radio NJM2729 Datasheet HTML 4Page - New Japan Radio NJM2729 Datasheet HTML 5Page - New Japan Radio NJM2729 Datasheet HTML 6Page - New Japan Radio NJM2729 Datasheet HTML 7Page - New Japan Radio NJM2729 Datasheet HTML 8Page - New Japan Radio NJM2729 Datasheet HTML 9Page - New Japan Radio NJM2729 Datasheet HTML 10Page - New Japan Radio NJM2729 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NJM2729
-7-
E1
■ TYPICAL CHARACTERISTICS
-100
-50
0
50
100
-50
-25
0
25
50
75
100
125
Input Offset Voltage vs. Temperature
Input Offset Voltage vs. Temperature
Input Offset Voltage vs. Temperature
Input Offset Voltage vs. Temperature
(Supply Voltage)
(Supply Voltage)
(Supply Voltage)
(Supply Voltage)
V
VV
VCM
CM
CM
CM
=0V
=0V
=0V
=0V
Ambient Temperature [℃]
Ambient Temperature [℃]
Ambient Temperature [℃]
Ambient Temperature [℃]
Sample2 (±15V)
Sample2 (±15V)
Sample2 (±15V)
Sample2 (±15V)
Sample1 (±15V)
Sample1 (±15V)
Sample1 (±15V)
Sample1 (±15V)
Sample3 (±15V)
Sample3 (±15V)
Sample3 (±15V)
Sample3 (±15V)
Sample3 (±5V)
Sample3 (±5V)
Sample3 (±5V)
Sample3 (±5V)
Sample2 (±5V)
Sample2 (±5V)
Sample2 (±5V)
Sample2 (±5V)
Sample1 (±5V)
Sample1 (±5V)
Sample1 (±5V)
Sample1 (±5V)
-10
0
10
20
30
40
50
04
8
12
162024
Input Offset Voltage vs. Supply Voltage
Input Offset Voltage vs. Supply Voltage
Input Offset Voltage vs. Supply Voltage
Input Offset Voltage vs. Supply Voltage
V
VV
VCM
CM
CM
CM
=0V
=0V
=0V
=0V
Supply Voltage [±V]
Supply Voltage [±V]
Supply Voltage [±V]
Supply Voltage [±V]
Sample2
Sample2
Sample2
Sample2
Sample1
Sample1
Sample1
Sample1
Sample3
Sample3
Sample3
Sample3
-1
0
1
2
3
4
04
8
12
1620
24
Input Bias Curent vs. Supply Voltage
Input Bias Curent vs. Supply Voltage
Input Bias Curent vs. Supply Voltage
Input Bias Curent vs. Supply Voltage
V
VV
VCM
CM
CM
CM
=0V
=0V
=0V
=0V
Supply Voltage [±V]
Supply Voltage [±V]
Supply Voltage [±V]
Supply Voltage [±V]
Sample2
Sample2
Sample2
Sample2
Sample1
Sample1
Sample1
Sample1
Sample3
Sample3
Sample3
Sample3
-100
-50
0
50
100
-50
-25
0
25
50
75
100
125
Input Offset Voltage vs. Temperature
Input Offset Voltage vs. Temperature
Input Offset Voltage vs. Temperature
Input Offset Voltage vs. Temperature
(Supply Voltage)
(Supply Voltage)
(Supply Voltage)
(Supply Voltage)
V
VV
VCM
CM
CM
CM
=0V
=0V
=0V
=0V
Ambient Temperature [℃]
Ambient Temperature [℃]
Ambient Temperature [℃]
Ambient Temperature [℃]
V
VV
V++++/V
/V
/V
/V----=±18V
=±18V
=±18V
=±18V
V
VV
V++++/V
/V
/V
/V----=±15V
=±15V
=±15V
=±15V
V
VV
V++++/V
/V
/V
/V----=±5V
=±5V
=±5V
=±5V
V
VV
V++++/V
/V
/V
/V----=±3V
=±3V
=±3V
=±3V
Input Offset Voltage vs. Temperature
V+/V-=±15V, VCM=0V
-100
-80
-60
-40
-20
0
20
40
60
80
100
-50
-25
0
25
50
75
100
Ambient Temperature [ºC]
Input Offset Voltage vs. Temperature
V+/V-=±5V, VCM=0V
-100
-80
-60
-40
-20
0
20
40
60
80
100
-50
-25
0
255075
100
Ambient Temperature [ºC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com