Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5010 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPX5010
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5010 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPX5010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPX5010 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MPX5010
Sensors
10
Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
CASE 867-08
ISSUE N
UNIBODY PACKAGE
CASE 867F-03
ISSUE D
UNIBODY PACKAGE
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
PIN 1
F
G
N
L
R
C
B
M
J
S
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION –A– IS INCLUSIVE OF THE MOLD
STOP RING. MOLD STOP RING NOT TO EXCEED
16.00 (0.630).
–A–
123
4
5
6
6 PL
D
SEATING
PLANE
–T–
M
A
M
0.136 (0.005)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.595
0.630
15.11
16.00
B
0.514
0.534
13.06
13.56
C
0.200
0.220
5.08
5.59
D
0.027
0.033
0.68
0.84
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.40
L
0.695
0.725
17.65
18.42
M
30 NOM
30 NOM
N
0.475
0.495
12.07
12.57
R
0.430
0.450
10.92
11.43
S
0.090
0.105
2.29
2.66
__
STYLE 3:
PIN 1. OPEN
2. GROUND
3. +VOUT
4. +VSUPPLY
5. –VOUT
6. OPEN
STYLE 2:
PIN 1. OPEN
2. GROUND
3. –VOUT
4. VSUPPLY
5. +VOUT
6. OPEN
POSITIVE PRESSURE
(P1)
C
E
V
J
PORT #1
POSITIVE
PRESSURE
(P1)
-T-
-P-
M
Q
M
0.25 (0.010)
T
D 6 PL
F
G
K
PIN 1
U
A
B
R
S
N
-Q-
S
P
M
0.13 (0.005)
Q S
T
65
4
3
2
1
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
MILLIMETERS
INCHES
0.100 BSC
2.54 BSC
DIM
A
B
C
D
E
F
G
J
K
N
P
Q
R
S
U
V
MIN
1.080
0.740
0.630
0.027
0.160
0.048
0.014
0.070
0.150
0.150
0.440
0.695
0.840
0.182
0.220
MAX
1.120
0.760
0.650
0.033
0.180
0.064
0.016
0.080
0.160
0.160
0.460
0.725
0.860
0.194
0.240
MIN
27.43
18.80
16.00
0.68
4.06
1.22
0.36
1.78
3.81
3.81
11.18
17.65
21.34
4.62
5.59
MAX
28.45
19.30
16.51
0.84
4.57
1.63
0.41
2.03
4.06
4.06
11.68
18.42
21.84
4.93
6.10
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com