Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5050D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX5050D
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5050D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX5050D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX5050D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5050D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5050D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5050D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5050D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5050D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5050D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5050D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MPX5050
Rev 10, 10/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2007-2009. All rights reserved.
Pressure
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPXx5050 series piezoresistive transducer is a state-of-the-art
monolithic silicon pressure sensor designed for a wide range of applications,
but particularly those employing a microcontroller or microprocessor with A/D
inputs. This patented, single element transducer combines advanced
micromachining techniques, thin-film metallization, and bipolar processing to
provide an accurate, high level analog output signal that is proportional to the
applied pressure.
Features
• 2.5% Maximum Error over 0
° to 85°C
• Ideally suited for Microprocessor or Microcontroller-Based Systems
• Temperature Compensated Over -40
° to +125
°C
• Patented Silicon Shear Stress Strain Gauge
• Durable Epoxy Unibody Element
• Easy-to-Use Chip Carrier Option
ORDERING INFORMATION
Device Name
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX5050 Series)
MPX5050D
867
•
•
MPX5050D
MPX5050DP
867C
•
•
MPX5050DP
MPX5050GP
867B
•
•
MPX5050GP
MPX5050GP1
867B
•
•
MPX5050GP
Small Outline Package (MPXV5050 Series)
MPXV5050GP
1369
•
•
MPXV5050GP
MPXV5050DP
1351
•
•
MPXV5050DP
MPXV5050GC6U
482A
•
•
MPXV5050G
MPXV5050GC6T1
482A
•
•
MPXV5050G
Small Outline Package (Media Resistant Gel) (MPVZ5050 Series)
MPVZ5050GW7U
1560
•
•
MZ5050GW
MPX5050
Series
0 to 50 kPa (0 to 7.25 psi)
0.2 to 4.7 V Output
MPXV5050
MPVZ5050


Similar Part No. - MPX5050D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5050D MOTOROLA-MPX5050D Datasheet
189Kb / 10P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
MPX5050D MOTOROLA-MPX5050D Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX5050D FREESCALE-MPX5050D Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5050D NXP-MPX5050D Datasheet
457Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 11, 03/2010
logo
Motorola, Inc
MPX5050DP MOTOROLA-MPX5050DP Datasheet
189Kb / 10P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
More results

Similar Description - MPX5050D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com