Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5050DP Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPX5050DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5050DP Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPX5050DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5050DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5050DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5050DP Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX5050DP Datasheet HTML 10Page - Freescale Semiconductor, Inc MPX5050DP Datasheet HTML 11Page - Freescale Semiconductor, Inc MPX5050DP Datasheet HTML 12Page - Freescale Semiconductor, Inc MPX5050DP Datasheet HTML 13Page - Freescale Semiconductor, Inc MPX5050DP Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MPX5050
Sensors
10
Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
CASE 867C-05
ISSUE F
UNIBODY PACKAGE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
R
X
12
3
4
5
6
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.145
1.175
29.08
29.85
B
0.685
0.715
17.40
18.16
C
0.405
0.435
10.29
11.05
D
0.027
0.033
0.68
0.84
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
0.695
0.725
17.65
18.42
L
0.290
0.300
7.37
7.62
N
0.420
0.440
10.67
11.18
P
0.153
0.159
3.89
4.04
Q
0.153
0.159
3.89
4.04
R
0.063
0.083
1.60
2.11
S
U
0.910 BSC
23.11 BSC
V
0.182
0.194
4.62
4.93
W
0.310
0.330
7.87
8.38
X
0.248
0.278
6.30
7.06
PORT #2 VACUUM (P2)
PORT #1 POSITIVE
PORT #1
PIN 1
PORT #2
POSITIVE
VACUUM
PRESSURE
SEATING
PLANE
SEATING
PLANE
–T–
–T–
P
G
C
J
N
B
F
D
W
V
L
U
6 PL
S
K
–Q–
–A–
M
Q
M
0.25 (0.010)
T
M
A
M
0.13 (0.005)
PRESSURE (P1)
0.220
0.240
5.59
6.10
(P1)
(P2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com