Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5700ASX Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX5700ASX
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5700ASX Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX5700ASX Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX5700ASX Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5700ASX Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5700ASX Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5700ASX Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5700ASX Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5700ASX Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5700ASX Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5700ASX Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MPX5700
Sensors
4
Freescale Semiconductor
Pressure
On-chip Temperature Compensation and Calibration
Figure 3. illustrates both the Differential/Gauge and the
Absolute Sensing Chip in the basic chip carrier (Case 867).
A fluorosilicone gel isolates the die surface and wire bonds
from the environment, while allowing the pressure signal to
be transmitted to the sensor diaphragm. (For use of the
MPX5700D in a high-pressure cyclic application, consult the
factory.)
The MPX5700 series pressure sensor operating
characteristics, and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media,
other than dry air, may have adverse effects on sensor
performance and long-term reliability. Contact the factory for
information regarding media compatibility in your application.
Figure 2. shows the sensor output signal relative to
pressure input. Typical, minimum, and maximum output
curves are shown for operation over a temperature range of
0
° to 85°C using the decoupling circuit shown in . The output
will saturate outside of the specified pressure range.
shows the recommended decoupling circuit for interfacing
the output of the integrated sensor to the A/D input of a
microprocessor or microcontroller. Proper decoupling of the
power supply is recommended.
.
Figure 2. Output vs. Pressure Differential
Figure 3. Cross-Sectional Diagrams (not to scale)
Figure 4. Recommended Power Supply Decoupling and Output Filtering
(For additional output filtering, please refer to Application Note AN1646)
Differential Pressure (kPa)
Typical
Minimum
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
100
200
300
400
600
500
Maximum
700
800
Transfer Function:
Vout = VS*(0.0012858*P+0.04) ± Error
VS = 5.0 Vdc
Temperature = 0 to 85°C
Fluoro Silicone
Die Coat
Wire Bond
Die
P1
Stainless Steel
Metal Cover
Lead Frame
RTV Die
Bond
Epoxy Case
P2
Fluoro Silicone
Die Coat
Wire Bond
Die
P1
Stainless Steel
Metal Cover
Lead Frame
RTV Die
Bond
Epoxy Case
P2
ABSOLUTE ELEMENT
DIFFERENTIAL/GAUGE ELEMENT
+5 V
1.0 μF
0.01 μF
470 pF
GND
Vs
Vout
IPS
Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com