Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5643L Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  MPC5643L Microcontroller Data Sheet
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5643L Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5643L Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
I[2]
PCR[130]
ALT0
ALT1
ALT2
ALT3
SIU Lite
eTimer2
DSPI0
—
GPIO[130]
ETC[2]
CS6
—
I/O
I/O
O
—
FlexPWM1
Fault[2
—
F16
I[3]
PCR[131]
ALT0
ALT1
ALT2
ALT3
SIU Lite
eTimer2
DSPI0
CTU0
GPIO[131]
ETC[3]
CS7
EXT. TGR
I/O
I/O
O
O
FlexPWM1
Fault[3]
—
E17
NOTES:
1 Programmable via the SRC (Slew Rate Control) bit in the respective Pad Configuration Register. S = Slow, M = Medium, F = Fast, SYM = Symmetric
(FlexRay).
2 ALT0 is the primary (default) function for each port after reset.
3 Alternate functions are chosen by setting the values of the PCR[PA] bitfields inside the SIU module.
– PCR[PA] = 00
→ ALT0
– PCR[PA] = 01
→ ALT1
– PCR[PA] = 10
→ ALT2
– PCR[PA] = 11
→ ALT3
This bitfield selects the output and input/output functions. To use one of the input-only functions, the PCR[IBE] bit must be written to ‘1’, regardless of the value
of PCR[PA]. For this reason, the value corresponding to an input-only function is reported as “—”.
4 Alternate input functions are chosen by setting the values of the PCR[IBE] bit in the SIU module.
– PCR[IBE] = 0
→ Input/out alternate functions (default)
– PCR[IBE] = 1
→ Input-only alternate functions
To use one of the input-only functions, the PCR[IBE] bit must be written to ‘1’, regardless of the value of PCR[PA]. For this reason, the value corresponding to
an input-only function is reported as “—”.
5 Module included on the device.
6 The default function of this pin out of reset is ALT1 (TDO).
7 Input-only. Pad speed does not apply.
Table 7. Pin muxing (continued)
Port
Pin
PCR
Register
Functions
Pad
Speed1
Pin
Alternate
Function2,3
IBE = 04
IBE = 1 (always inputs)
Peripheral5
Function
I/O
Direction
Peripheral
Functions
SRC
=0
SRC
=1
144-
pin
257-
ball
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available
from Freescale for import or sale in the United States prior to September 2010: MPC5643L products in 257 MAPBGA packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com