Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377E Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC8377E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377E Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC8377E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
89
Package and Pin Listings
MCK_B4
AA1
O
GVDD
—
MCK_B5
AB2
O
GVDD
—
MCK0
J1
O
GVDD
—
MCK1
L1
O
GVDD
—
MCK2
V2
O
GVDD
—
MCK3
W1
O
GVDD
—
MCK4
Y1
O
GVDD
—
MCK5
AB1
O
GVDD
—
MCKE0
M4
O
GVDD
3
MCKE1
R5
O
GVDD
3
MCS_B0
W3
O
GVDD
—
MCS_B1
P3
O
GVDD
—
MCS_B2
T4
O
GVDD
—
MCS_B3
R4
O
GVDD
—
MDIC0
AH8
I/O
GVDD
9
MDIC1
AJ8
I/O
GVDD
9
MDM0
B6
O
GVDD
—
MDM1
B2
O
GVDD
—
MDM2
E2
O
GVDD
—
MDM3
E1
O
GVDD
—
MDM4
Y6
O
GVDD
—
MDM5
AC6
O
GVDD
—
MDM6
AE6
O
GVDD
—
MDM7
AJ4
O
GVDD
—
MDM8
L6
O
GVDD
—
MDQ0
A8
I/O
GVDD
11
MDQ1
A6
I/O
GVDD
11
MDQ2
C7
I/O
GVDD
11
MDQ3
D8
I/O
GVDD
11
MDQ4
A7
I/O
GVDD
11
MDQ5
A5
I/O
GVDD
11
MDQ6
A3
I/O
GVDD
11
MDQ7
C6
I/O
GVDD
11
Table 71. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com