Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECVRALGA Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC8377ECVRALGA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECVRALGA Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECVRALGA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8377ECVRALGA Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
50
Freescale Semiconductor
JTAG
11.3.2.1
High-Speed Read Meeting Setup (Maximum Delay)
The following equations show how to calculate the allowed combined propagation delay range of the
SD_CLK and SD_DAT/CMD signals on the PCB.
tCLK_DELAY + tDATA_DELAY + tODLY + tSHSIVKH < 1.5 × tSHSCK
tCLK_DELAY + tDATA_DELAY < 1.5 × tSHSCK – tODLY – tSHSIVKH
This means that Data + Clock delay can be up to 11 ns for a 20 ns clock cycle:
tCLK_DELAY + tDATA_DELAY < 30 – 14 – 5
tCLK_DELAY + tDATA_DELAY < 11
11.3.2.2
High-Speed Read Meeting Hold (Minimum Delay)
The following equations show how to calculate the allowed combined propagation delay range of the
SD_CLK and SD_DAT/CMD signals on the PCB.
0.5
× t
SHSCK < tCLK_DELAY + tDATA_DELAY + tOH – tSHSIXKH + tINT_CLK_DLY
0.5
× tSHSCK – tOH + tSHSIXKH – tINT_CLK_DLY < tCLK_DELAY + tDATA_DELAY
This means that Data + Clock delay must be greater than ~6 ns for a 20 ns clock cycle:
10 – 2.5 + (-1.5) < tCLK_DELAY + tDATA_DELAY
6 < tCLK_DELAY + tDATA_DELAY
11.3.2.3
High-Speed Read Combined Formula
The following equation is the combined formula to calculate the propagation delay range of the SD_CLK
and SD_DAT/CMD signals on the PCB.
0.5
× tSHSCK – tOH + tSHSIXKH < tCLK_DELAY + tDATA_DELAY < 1.5 × tSHSCK – tODLY – tSHSIVKH
12 JTAG
This section describes the DC and AC electrical specifications for the IEEE 1149.1 (JTAG) interface of
the MPC8377E.
12.1
JTAG DC Electrical Characteristics
Table 43 provides the DC electrical characteristics for the IEEE 1149.1 (JTAG) interface of the
MPC8377E.
Table 43. JTAG interface DC Electrical Characteristics
Parameter
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—2.5
OVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
——
±30
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com