Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2753 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2753
Description  3-Input / 1-Output Stereo Audio Selector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2753 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2753 Datasheet HTML 1Page - New Japan Radio NJM2753 Datasheet HTML 2Page - New Japan Radio NJM2753 Datasheet HTML 3Page - New Japan Radio NJM2753 Datasheet HTML 4Page - New Japan Radio NJM2753 Datasheet HTML 5Page - New Japan Radio NJM2753 Datasheet HTML 6Page - New Japan Radio NJM2753 Datasheet HTML 7Page - New Japan Radio NJM2753 Datasheet HTML 8Page - New Japan Radio NJM2753 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM2753
-7 -
!
!
!
!TYPICAL CHARACTERISTICS
ICC vs Supply Voltage
No signal
0
2
4
6
8
10
12
14
0246
8
10
12
14
Supply Voltage [V]
25oC 105oC
-40oC
VREF vs Supply Voltage
No signal
0
1
2
3
4
5
6
7
0246
8
10
12
14
Supply Voltage [V]
-40 to 105oC
GAIN vs FrequencyV=9V,
I/O: INA1-Aout
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
10
100
1000
10000
100000
Frequency [Hz]
-40 to 105oC
THD+N vs Input Voltage
BW:400-30kHz ,f=1kHz, I/O: INA1-Aout
0.0001
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
Input Voltage [Vrms]
105oC
25oC
-40oC
THD+N vs Frequency
I/O: INA1-Aout
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
100000
Frequency [Hz]
25℃ 105℃
-40℃
Maximum Output Voltage vs Frequency
V=9V, THD=1%, I/O: INA1-Aout
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
1
10
100
1000
10000
100000
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com