Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6434 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6434
Description  1/4 DUTY LCD DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6434 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU6434 Datasheet HTML 3Page - New Japan Radio NJU6434 Datasheet HTML 4Page - New Japan Radio NJU6434 Datasheet HTML 5Page - New Japan Radio NJU6434 Datasheet HTML 6Page - New Japan Radio NJU6434 Datasheet HTML 7Page - New Japan Radio NJU6434 Datasheet HTML 8Page - New Japan Radio NJU6434 Datasheet HTML 9Page - New Japan Radio NJU6434 Datasheet HTML 10Page - New Japan Radio NJU6434 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NJU6434
Ver.2009-11-12
-7 -
- Mode 5 : Shift Register 1~4 (D1~D200)
- Mode F : Shift Register 1~4 all “0”
Note 1) All of display data should be transmitted within 30ms to keep the display quality, because huge display
data D1 to D200 are transmitted at 4 times totally.
Note 2) Data is latched at the rising edge of the SCL.
Note 3) Mode data and display data are executed at the falling edge of the CE.
Note 4) In case of less than 4-bit data, the mode data remains the LSB side of the previous mode data.
Note 5) In case of over 4-bit data, the mode data is valid the previous 4-bit of the falling edge of the CE.
Note 6) In case of less than 50-bit data, the display data remains the last part of the previous display data.
Note 7) In case of over 50-bit data, the display data is valid the previous 50-bit of the falling edge of the CE.
(5) Initialization by Power On Reset
The NJU6434 incorporates the reset circuit of the detectable voltage type, and when the power supply is
turned on, it automatically initializes it (reset). When the VDD becomes 1V to 2.2V of the working voltage, the
reset signal is generated internally. When the power supplies rise time should be over than 0.1ms. (Refer to
“condition of the Power on reset” for details.)
(5-1) Status of Power On Reset
1. Mode setting release (nonselective status)
2. Shift register : all “0”
3. Latch circuit : all “0”
CE
SCL
DATA
MODE
D1
2
3
4
5
6
7
8
Mode Data
Display Data x 200-bit
194 195 196 19 7 1 9 8 199 200
1
0
1
0
CE
SCL
DATA
MODE
Mode Data
1
1
1
1
VDD=5V
VDD=3V
VDD=2.2V
Internal Reset wave
V
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com