Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6543 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6543
Description  1/2 1/3 1/4 Duty LCD Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6543 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU6543 Datasheet HTML 3Page - New Japan Radio NJU6543 Datasheet HTML 4Page - New Japan Radio NJU6543 Datasheet HTML 5Page - New Japan Radio NJU6543 Datasheet HTML 6Page - New Japan Radio NJU6543 Datasheet HTML 7Page - New Japan Radio NJU6543 Datasheet HTML 8Page - New Japan Radio NJU6543 Datasheet HTML 9Page - New Japan Radio NJU6543 Datasheet HTML 10Page - New Japan Radio NJU6543 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
-7 -
NJU6543
Ver.2008-11-28
Preliminary
(4) Command Register2
•
Command Register2 is used to set the oscillator, driving waveform, and E.V.R. resister set. When the D7 to D6
bits of the 1
st word are (1,1), the D5 ~ D0 bits are recognized as command data.
The contents of Command Register will be initialized as following when applying Power On Reset or Reset.
The Default Value of Command Register
• Oscillator selection
: External resistor and capacitor
• Driving waveform
: A(Time sharing system frequency) waveform
• E.V.R. Register Set
: V0(0,0,0)
• Display
:OFF
D7
D6
D5
D4
D3
D2
D1
D0
1
0
EXOSC
WSEL
E2
E1
E0
SC
•
Oscillator selection
EXOSC
Oscillator circuit
0
External resistor and capacitor
1
External oscillation signal input
•
Driving waveform
Driving waveform is chosen according to the characteristic of a panel.
•
E.V.R. resister set
E.V.R. resistor set instruction adjusts the contrast of the LCD, by 3-bits selects(E2,E1,E0).
One LCD driving voltage VLCD out of 8 voltage-stages by setting E.V.R. register.
Set the binary code “000” when contrast adjustment is unused.
V1
E2
E1
E0
1/2bias
1/3bias
VLCD (V0~VSS )
0
0
0
V0
V 0
High
0
0
1
0.933V 0
0.955V 0
:
0
1
0
0.875V 0
0.913V 0
:
0
1
1
0.824V 0
0.875V 0
:
1
0
0
0.778V 0
0.840V 0
:
1
0
1
0.737V 0
0.808V 0
:
1
1
0
0.700V 0
0.778V 0
:
1
1
1
0.667V 0
0.750V 0
Low
WSEL
Driving waveform
0
A(Time sharing system frequency) waveform
1
B(Flame reversal) waveform
Flag bits
Oscillator
selection
E.V.R. register set
Driving
wave form
Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com