Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6573 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6573
Description  16COM x 100SEG 1/16 Duty BITMAP LCD Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6573 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU6573 Datasheet HTML 3Page - New Japan Radio NJU6573 Datasheet HTML 4Page - New Japan Radio NJU6573 Datasheet HTML 5Page - New Japan Radio NJU6573 Datasheet HTML 6Page - New Japan Radio NJU6573 Datasheet HTML 7Page - New Japan Radio NJU6573 Datasheet HTML 8Page - New Japan Radio NJU6573 Datasheet HTML 9Page - New Japan Radio NJU6573 Datasheet HTML 10Page - New Japan Radio NJU6573 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
-7 -
NJU6573
Ver.2009-07-28
Preliminary
(6) Oscillator circuit
The oscillator consists of an external capacitor and an resistor.
It generates clock signal for LCD driving.
When use external clock, input the clock signal to OSC.(EXOSC Terminal is “High” when use external clock)
Fig OSC Circuit
(6-1) Relation between Oscillation frequency and Frame frequency
Frame frequency = fosc / 384
Set the oscillation frequency to obtain the frame frequency.
NJU6573
OSC
VDD
(fOSC=30.8kHz TYP)
200K
Ω
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com