Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6645 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU6645
Description  16-CHARACTER 6-LINE LCD DRIVER with JAPANESE KANJI ROM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6645 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU6645 Datasheet HTML 3Page - New Japan Radio NJU6645 Datasheet HTML 4Page - New Japan Radio NJU6645 Datasheet HTML 5Page - New Japan Radio NJU6645 Datasheet HTML 6Page - New Japan Radio NJU6645 Datasheet HTML 7Page - New Japan Radio NJU6645 Datasheet HTML 8Page - New Japan Radio NJU6645 Datasheet HTML 9Page - New Japan Radio NJU6645 Datasheet HTML 10Page - New Japan Radio NJU6645 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
-7 -
Ver.2009-05-20
NJU6645
Preliminary
! PAD COORDINATES 4
Chip Size 14.16mm x 3.16mm (Chip Center X=0
µm, Y=0µm)
PAD No.
PAD name
X=
µm
Y=
µm
PAD No.
PAD name
X=
µm
Y=
µm
301
COM85
6918.5
648
351
SEG223
4775
1412.5
302
COM86
6918.5
698
352
SEG222
4725
1412.5
303
COM87
6918.5
748
353
SEG221
4675
1412.5
304
COM88
6918.5
798
354
SEG220
4625
1412.5
305
COM89
6918.5
848
355
SEG219
4575
1412.5
306
COM90
6918.5
898
356
SEG218
4525
1412.5
307
COM91
6918.5
948
357
SEG217
4475
1412.5
308
COM92
6918.5
998
358
SEG216
4425
1412.5
309
COM93
6918.5
1048
359
SEG215
4375
1412.5
310
COM94
6918.5
1098
360
SEG214
4325
1412.5
311
COM95
6918.5
1148
361
SEG213
4275
1412.5
312
COMMK1
6918.5
1198
362
SEG212
4225
1412.5
313
DUMMY88
6918.5
1248
363
SEG211
4175
1412.5
314
DUMMY89
6918.5
1298
364
SEG210
4125
1412.5
315
DUMMY90
6918.5
1348
365
SEG209
4075
1412.5
316
DUMMY91
6525
1412.5
366
SEG208
4025
1412.5
317
DUMMY92
6475
1412.5
367
SEG207
3975
1412.5
318
DUMMY93
6425
1412.5
368
SEG206
3925
1412.5
319
SEG255
6375
1412.5
369
SEG205
3875
1412.5
320
SEG254
6325
1412.5
370
SEG204
3825
1412.5
321
SEG253
6275
1412.5
371
SEG203
3775
1412.5
322
SEG252
6225
1412.5
372
SEG202
3725
1412.5
323
SEG251
6175
1412.5
373
SEG201
3675
1412.5
324
SEG250
6125
1412.5
374
SEG200
3625
1412.5
325
SEG249
6075
1412.5
375
SEG199
3575
1412.5
326
SEG248
6025
1412.5
376
SEG198
3525
1412.5
327
SEG247
5975
1412.5
377
SEG197
3475
1412.5
328
SEG246
5925
1412.5
378
SEG196
3425
1412.5
329
SEG245
5875
1412.5
379
SEG195
3375
1412.5
330
SEG244
5825
1412.5
380
SEG194
3325
1412.5
331
SEG243
5775
1412.5
381
SEG193
3275
1412.5
332
SEG242
5725
1412.5
382
SEG192
3225
1412.5
333
SEG241
5675
1412.5
383
SEG191
3175
1412.5
334
SEG240
5625
1412.5
384
SEG190
3125
1412.5
335
SEG239
5575
1412.5
385
SEG189
3075
1412.5
336
SEG238
5525
1412.5
386
SEG188
3025
1412.5
337
SEG237
5475
1412.5
387
SEG187
2975
1412.5
338
SEG236
5425
1412.5
388
SEG186
2925
1412.5
339
SEG235
5375
1412.5
389
SEG185
2875
1412.5
340
SEG234
5325
1412.5
390
SEG184
2825
1412.5
341
SEG233
5275
1412.5
391
SEG183
2775
1412.5
342
SEG232
5225
1412.5
392
SEG182
2725
1412.5
343
SEG231
5175
1412.5
393
SEG181
2675
1412.5
344
SEG230
5125
1412.5
394
SEG180
2625
1412.5
345
SEG229
5075
1412.5
395
SEG179
2575
1412.5
346
SEG228
5025
1412.5
396
SEG178
2525
1412.5
347
SEG227
4975
1412.5
397
SEG177
2475
1412.5
348
SEG226
4925
1412.5
398
SEG176
2425
1412.5
349
SEG225
4875
1412.5
399
SEG175
2375
1412.5
350
SEG224
4825
1412.5
400
SEG174
2325
1412.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com