Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7029 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7029
Description  Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7029 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7029 Datasheet HTML 3Page - New Japan Radio NJU7029 Datasheet HTML 4Page - New Japan Radio NJU7029 Datasheet HTML 5Page - New Japan Radio NJU7029 Datasheet HTML 6Page - New Japan Radio NJU7029 Datasheet HTML 7Page - New Japan Radio NJU7029 Datasheet HTML 8Page - New Japan Radio NJU7029 Datasheet HTML 9Page - New Japan Radio NJU7029 Datasheet HTML 10Page - New Japan Radio NJU7029 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJU7029
- 7 -
Ver.2009-03-04
■ TYPICAL CHARACTERISTICS
Common Mode Rejection Ratio1
vs. Ambient Temperature
VICM=0V to V
+-0.9V, V
COM=V
+/2V
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Ambient Temperature [
oC]
V
+=2.2V
V
+=5V
V
+=3V
Maximum Output Voltage vs. Supply Voltage
(Ambient Temperature)
VIN=±0.5V, VCOM=0V, RL=50kΩ
-4
-3
-2
-1
0
1
2
3
4
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Supply Voltage [±V]
Ta=-40
oC
Ta=25
oC
Ta=85
oC
Maximum Output Voltage vs. Ambient Temperature
RL=50kΩ to VCOM
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-50
-25
0
25
50
75
100
125
Ambient Temperature [
oC]
V
+=2.2V
V
+=3V
V
+=5V
V
+=2.2V, 3V, 5V
Maximum Output Voltage vs. Ambient Temperature
RL=10kΩ to VCOM
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-50
-25
0
25
50
75
100
125
Ambient Temperature [
oC]
V
+=2.2V
V
+=3V
V
+=5V
V
+=2.2V, 3V, 5V
Voltage Gain vs. Ambient Temperature
VCOM=V
+/2V, R
L=50kΩ to VCOM
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Ambient Temperature [
oC]
V
+=2.2V
VOUT=VCOM±0.5V
V
+=5V
VOUT=VCOM±2V
V
+=3V
VOUT=VCOM±1V
Supply Voltage Rejection Ratio
vs. Ambient Temperature
V
+=2.2V to 5.5V, V
ICM=V
+/2, V
COM=V
+/2V
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Ambient Temperature [
oC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com