Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7036 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7036
Description  High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7036 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7036 Datasheet HTML 3Page - New Japan Radio NJU7036 Datasheet HTML 4Page - New Japan Radio NJU7036 Datasheet HTML 5Page - New Japan Radio NJU7036 Datasheet HTML 6Page - New Japan Radio NJU7036 Datasheet HTML 7Page - New Japan Radio NJU7036 Datasheet HTML 8Page - New Japan Radio NJU7036 Datasheet HTML 9Page - New Japan Radio NJU7036 Datasheet HTML 10Page - New Japan Radio NJU7036 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NJU7036
-7-
E2 20090121
I
I
I
I TYPICAL CHARACTERISTICS
-8
-6
-4
-2
0
2
4
6
8
-60
-30
0
30
60
90
120
150
Input Offset Voltage vs. Ambient Temperature
(Supply Voltage)
VCM=0V
Ambient Temperature [ °
°
°
°
C]
VDD=3V
VDD=5V
-6
-4
-2
0
2
4
6
8
10
-1
01
23
45
Input Offset Voltage vs. Common Mode Input Voltage
(Ambient Temperature)
VDD=5V
Common Mode Input Voltage [V]
Ta=85 °
°
°
°
C
Ta=25 °
°
°
°
C
Ta=-40 °
°
°
°
C
-6
-4
-2
0
2
4
6
8
10
-1
-0.5
00.511.5
22.5
3
Input Offset Voltage vs. Common Mode Input Voltage
(Ambient Temperature)
VDD=3V
Common Mode Input Voltage [V]
Ta=85 °
°
°
°
C
Ta=25 °
°
°
°
C
Ta=-40 °
°
°
°
C
-6
-4
-2
0
2
4
6
8
10
2
34567
Input Offset Voltage vs. Supply Voltage
(Ambient Temperature)
VCM=0V
Supply Voltage [V]
Ta=-40 °
°
°
°
C
Ta=25 °
°
°
°
C
Ta=85 °
°
°
°
C
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
150
Common Mode Rejection Ratio vs. Ambient Temperature
(Supply Voltage)
VCM=0 to 3.8V(VDD=5V), VCM=0 to 1.8V(VDD=3V)
Ambient Temperature [ °
°
°
°
C]
VDD=3V
VDD=5V
0
20
40
60
80
100
120
140
-60
-30
0
30
60
90
120
150
Voltage Gain vs. Ambient Temperature
(Supply Voltage)
Vo=0.5 to 4.5V(VDD=5V), Vo=0.5 to 2.5V(VDD=3V), RL=8
Ω
Ω
Ω
Ω
Ambient Temperature [ °
°
°
°
C]
VDD=3V
VDD=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com