Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU7098 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU7098
Description  Auto-Zero, High Precision Single Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7098 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU7098 Datasheet HTML 3Page - New Japan Radio NJU7098 Datasheet HTML 4Page - New Japan Radio NJU7098 Datasheet HTML 5Page - New Japan Radio NJU7098 Datasheet HTML 6Page - New Japan Radio NJU7098 Datasheet HTML 7Page - New Japan Radio NJU7098 Datasheet HTML 8Page - New Japan Radio NJU7098 Datasheet HTML 9Page - New Japan Radio NJU7098 Datasheet HTML 10Page - New Japan Radio NJU7098 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NJU7098
- 7 -
Ver.2008-05-16
■ TYPICAL CHARACTERISTICS
Supply Current vs. Supply Voltage
AV=0dB
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
012345
6789 10 11
Supply Voltage [V]
Ta=85ºC
Ta=-40ºC
Ta=25ºC
CMR vs. Frequency (Supply Voltage)
RF=100k, RS=10, GV=80dB, Ta=25ºC
0
20
40
60
80
100
120
140
160
1
10
100
1000
10000 100000
Frequency [Hz]
VDD/VSS=±5.0V
VDD/VSS=±2.5V
VDD/VSS=±1.5V
1k
10k
100k
SVR vs. Frequency
V
+/V-=±5V, Ta=25ºC
0
20
40
60
80
100
120
140
1
10
100
1000
10000 100000
Frequency [Hz]
+SVR
-SVR
1k
10k
100k
SVR vs. Frequency
V
+/V-=±2.5V, Ta=25ºC
0
20
40
60
80
100
120
140
1
10
100
1000
10000 100000
Frequency [Hz]
1k
10k
100k
+SVR
-SVR
Supply Current vs. Temperature
AV=0dB
0
100
200
300
400
500
600
700
800
900
1000
-50
-25
0
25
50
75
100
125
Ambient Temperature [ºC]
VDD/VSS=±5.0V
VDD/VSS=±1.5V
VDD/VSS=±2.5V
SVR vs. Frequency
V
+/V-=±1.5V, Ta=25ºC
0
20
40
60
80
100
120
140
1
10
100
1000
10000 100000
Frequency [Hz]
+SVR
-SVR
1k
10k
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com