Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1111 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1111
Description  9-Input 3-Output Stereo Audio Selector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1111 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1111 Datasheet HTML 3Page - New Japan Radio NJW1111 Datasheet HTML 4Page - New Japan Radio NJW1111 Datasheet HTML 5Page - New Japan Radio NJW1111 Datasheet HTML 6Page - New Japan Radio NJW1111 Datasheet HTML 7Page - New Japan Radio NJW1111 Datasheet HTML 8Page - New Japan Radio NJW1111 Datasheet HTML 9Page - New Japan Radio NJW1111 Datasheet HTML 10Page - New Japan Radio NJW1111 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJW1111
– 7 –
!
!
!
! CONTROL DATA
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain1
Selector1
0
0
0
0
*
*
*
*
Gain2
Selector2
0
0
0
1
*
*
*
*
Gain3
Selector3
0
0
1
0
*
*
*
*
a)Gain
DATA
D15
D14
D13
D2
Setting
0
0
0
0
0dB
0
0
0
1
+3.0 dB
0
0
1
0
+3.5 dB
0
0
1
1
+4.0 dB
0
1
0
0
+4.5 dB
0
1
0
1
+5.0 dB
0
1
1
0
+5.5 dB
0
1
1
1
+6.0 dB
1
0
0
0
+6.5 dB
1
0
0
1
+7.0 dB
1
0
1
0
+7.5 dB
1
0
1
1
+8.0 dB
b)Input Selector
DATA
D11
D10
D9
D8
Setting
0
0
0
0
Mute
(✴)
0
0
0
1
InA1/B1
0
0
1
0
InA2/B2
0
0
1
1
InA3/B3
0
1
0
0
InA4/B4
0
1
0
1
InA5/B5
0
1
1
0
InA6/B6
0
1
1
1
InA7/B7
1
0
0
0
InA8/B8
1
0
0
1
InA9/B9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com