Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1128 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1128
Description  Voice Switched Speakerphone Circuit with Speaker Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1128 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1128 Datasheet HTML 3Page - New Japan Radio NJW1128 Datasheet HTML 4Page - New Japan Radio NJW1128 Datasheet HTML 5Page - New Japan Radio NJW1128 Datasheet HTML 6Page - New Japan Radio NJW1128 Datasheet HTML 7Page - New Japan Radio NJW1128 Datasheet HTML 8Page - New Japan Radio NJW1128 Datasheet HTML 9Page - New Japan Radio NJW1128 Datasheet HTML 10Page - New Japan Radio NJW1128 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJW1128
– 7 –
!
!
!
! TYPICAL CHARACTERISTICS
TxAtt Gain vs Temperature
V+ = 5.0V , MicAmp : 0dB , RL=5.1kΩ
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
-30
-10
103050
7090
110
130
150
Temperature [degC]
Idle-Mode
TX-Mode
RX-Mode
RecieveAmp Maximum Output Voltage vs Temperature
V+ = 5.0V , f = 1kHz Rf = 300kΩ , Gv=40dB , RL=5.1kΩ , THD+N = 1% , BW=400Hz-30kHz
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-50
-30
-10
10
30
50
70
90
110
130
150
Temperature [degC]
MicAmp Maximum Output Voltage vs Temperature
V+ =5.0V , f = 1kHz , Rf = 300kΩ , Gv=40dB , RL=5.1kΩ , THD+N = 1% , BW=400Hz-30kHz
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-50
-30
-10
1030507090
110
130
150
Temperature [degC]
MicAmp Mute Range vs Temperature
V+ =5.0V , Rf = 300kΩ , Gv=40dB , RL=5.1kΩ , A-Weighting
70
71
72
73
74
75
76
77
78
79
80
-50
-30
-10
103050
7090
110
130
150
LineAmp THD vs Temperature
V+ =5.0V , f = 1kHz , Rf = 51kΩ , Gv=26dB , Vin = 50mVrms , RL=1.2kΩ , BW=400Hz-30kHz
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
-30
-10
10
30
50
70
90
110
130
150
Temperature [degC]
LineAmp Maximum Output Voltage vs Temperature
V+ =5.0V , f = 1kHz , Rf = 51kΩ , Gv=26dB , RL=1.2kΩ , THD+N = 1% , BW=400Hz-30kHz
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-50
-30
-10
10
30
50
70
90
110
130
150
Temperature [degC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com