Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX51A Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # IMX51A
Description  i.MX51A Automotive and Infotainment Applications Processors
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51A Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button IMX51A Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX51A Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
Electrical Characteristics
i.MX51A Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
21
Preliminary—Subject to Change Without Notice
3.3.2
DDR2 I/O DC Parameters
The parameters in Table 14 are guaranteed per the operating ranges in Table 8, unless otherwise noted.
Input Hysteresis
VHYS
OVDD = 1.875
OVDD = 2.775
0.25
0.34
0.45
—V
Schmitt trigger VT+1, 2
VT+
—
0.5OVDD
—
—
V
Schmitt trigger VT-1, 2
VT-
—
—
—
0.5
× OVDD
V
Input current (no pull-up/down)
IIN
VI = OVDD or 0
—
—
TBD
—
Input current (22 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
—
—
161
TBD
μA
Input current (47 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
——
76
TBD
μA
Input current (100 k
Ω Pull-up)
IIN
VI = 0
VI= OVDD
——
36
TBD
μA
Input current (100 k
Ω Pull-down)
IIN
VI = 0
VI = OVDD
——
TBD
36
μA
High-impedance I/O supply
current
Icc-ovdd
VI = OVDD or 0
—
—
TBD
μA
Keeper Circuit Resistance
OVDD = 1.875V
OVDD = 2.775V
—
—
22
17
—
—
k
Ω
1 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1ns to 1s.
2 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
Table 14. DDR2 I/O DC Electrical Parameters
Parameters
Symbol
Test Conditions
Min
Max
Unit
High-level output voltage
Voh
—
OVDD – 0.28
—
V
Low-level output voltage
Vol
—
—
0.28
V
Output minimum Source Current
Ioh
OVDD=1.7V Vout=1.42V –13.4
—
mA
Output min Sink Current
Iol
OVDD=1.7V Vout=0.28V 13.4
—
mA
DC input Logic High
VIH
—
OVDD/2+0.125 OVDD+0.3
V
DC input Logic Low
VIL
—
–0.3
OVDD/2–0.125 V
Input voltage range of each differential input
Vin
—
–0.3
OVDD+0.3
V
Differential input voltage required for switching
Vid
—
0.25
OVDD+0.6
V
Termination Voltage
Vtt
Vtt tracking OVDD/2
OVDD/2 – 0.04 OVDD/2 + 0.04 V
Input current (no pull-up/down)
Iin
VI = 0
VI=OVDD
—
—
TBD
TBD
µA
Table 13. GPIO/HSGPIO DC Electrical Characteristics (continued)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com