Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX51 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
21
Preliminary—Subject to Change Without Notice
3.2.1
Power-Up Sequence
Figure 2 shows the power-up sequence.
Figure 2. Power-Up Sequence
NOTE
The POR_B input must be immediately asserted at power-up and remain
asserted until after the last power rail is at its working voltage.
3.2.2
Power-Down Sequence
The following power-down sequence is recommend for the i.MX51 processor:
•
To be provided.
3.3
I/O DC Parameters
This section includes the DC parameters of the following I/O types:
•
General Purpose I/O and High-Speed General Purpose I/O (GPIO/HSGPIO)
•
Double Data Rate 2 (DDR2)
•
Low Voltage I/O (LVIO)
•
Ultra High Voltage I/O (UHVIO)
•
High-Speed I2C and I2C
•
Enhanced Secure Digital Host Controller (eSDHC)
AHVDDRGB
NVCC_TV_BACK
TVDAC_DHVDD
VDD_DIG_PLL_A/B
VDD_ANA_PLL_A/B
NVCC_OSC
NVCC_USBPHY
VDDA33
NVCC_EMI_DRAM
NVCC_SRTC_POW
VDDA
NVCC_NANDF_x
NVCC_PER15
NVCC_PER17
NVCC_HS4_1
NVCC_HS4_2
NVCC_HS6
NVCC_HS10
NVCC_PERx2
NVCC_EMI
NVCC_IPU
NVCC_I2C
VDDGP4
VDD_FUSE1
VCC
1. VDD_FUSE should only be powered when writing.
2. NVCC_PERx refers to NVCC_PER 3, 5, 8, 9, 10, 11, 12, 13, 14.
3. No power-up sequence dependencies exist between the supplies shown in the block diagram shaded in gray.
4. There is no requirement for VDDGP to be preceded by any other power supply other than NVCC_SRTC_POW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com