Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2S Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # B2S
Description  MINI SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

B2S Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  B2S Datasheet HTML 1Page - PACELEADER INDUSTRIAL B2S Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES B1S THRU B10S
Fig. 3 - TYPICAL JUNCTION CAPACITANCE
Fig. 2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
MOUNTED ON PC BOARD
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
Fig. 1 - FORWARD CURRENT DERATING CURVE
1.0
0.8
0.6
0.4
0.2
0.1
o
AMBIENT TEMPERATURE, C
20
40
60
100
120
140
160
NUMBER OF CYCLES AT 60Hz
40
30
20
10
0
1
2
5
10
20
50
100
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
REVERSE VOLTAGE, VOLTS
Fig. 5 - TYPICAL REVERSE CHARACTERISTICS
Fig. 4 - TYPICAL FORWARD CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
100
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
o
TJ=125 C
o
TJ=25 C
10
1.0
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
o
TJ=25 C
PULSE WIDTH:300
S
100
10
1.0
1
4
10.0
100
o
TJ=25 C, f=1MHz
MINI SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
MINI SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
B1S thru B10S
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com