Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B220LB Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # B220LB
Description  LO VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

B220LB Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  B220LB Datasheet HTML 1Page - PACELEADER INDUSTRIAL B220LB Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-50 to +150
-50 to +150
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R JL
R JA
2.0
50
NOTES
1. Pulse test with pw=300 sec, 1% duty cycle
2
2. Mounted on P.C.B. Board with 8.0mm (0.13mm thick ) copper pad areas
TJ
TSTG
0.5
20
17
75
mA
o
Ratings at 25 C ambient temperature unless otherwise specified
Resistive or inductive load
B220LB
20
14
20
B230LB
30
21
30
B240LB
40
28
40
0.38
0.4
B220LB thru B240LB
VOLTAGE - 20 TO 40 VOLTS
CURRENT - 2.0 AMPERES
LO VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
LO VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
For surface mount applications
Low profile package
Built-in strain relief
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
Easy pick and place
High curren capability, low VF
High surge capacity
For use in low voltage gigh frequency inverters,
Free wheeling, and protection applications
High temperature soldering guaranteed
High temperature soldering
o
260 C/10 seconds at terminsls
Pb free product at available 99% Sn above meet RoHs
Environment substance directive request
SMB/DO-214AA
Dimensions in inches and (millimeters)
.002(.051)
.008(.203)
.006(.152)
.012(.305)
.200(5.08)
.220(5.59)
.083(2.13)
.096(2.44)
.030(0.76)
.050(1.27)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.075(1.91)
.083(2.11)
Case JEDEC DO-214AA molded plastic
Terminals Solder plated, solderable per
MIL-STD-750, Sethod 2026
Polarity Color band denotes cathode
Standard Package 12mm tape (EIA STD EIA-481)
Weight 0.003 ounce, 0.093gram
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TL
(see Figure 1)
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 2.0A (Note 1)
0
Maximum DC Reverse Current (NOTE 1) TA=25 C (Note 1)
0
at Rated DC Blocking Voltage TA=100 C
Maximum Thermal Resistance (NOTE 2)
Operating Junction Capacitance Range
Storage Temperature Range
www.paceleader.tw


Similar Part No. - B220LB

ManufacturerPart #DatasheetDescription
logo
Knowles Capacitors All ...
B220LA0S JOHANSONMANUFACTURING-B220LA0S Datasheet
1Mb / 5P
22.0GHz Surface Mount Bandpass Filter
Feb 2024
B220LA0S-T JOHANSONMANUFACTURING-B220LA0S-T Datasheet
1Mb / 5P
22.0GHz Surface Mount Bandpass Filter
Feb 2024
logo
Chip Integration Techno...
B220LW-S CITC-B220LW-S Datasheet
90Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
B220LW-S CITC-B220LW-S Datasheet
90Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
B220LW-S CITC-B220LW-S Datasheet
90Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B220LB

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
B120L PACELEADER-B120L Datasheet
254Kb / 2P
LO VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B320LC PACELEADER-B320LC Datasheet
275Kb / 2P
LO VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SL12 KOOCHIN-SL12 Datasheet
220Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com