Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B10S Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # B10S
Description  MINI SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

B10S Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  B10S Datasheet HTML 1Page - PACELEADER INDUSTRIAL B10S Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
VOLTAGE - 100 TO 1000 VOLTS
CURRENT - 0.5 AMPERES
MINI SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
MINI SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
B1S thru B10S
MECHANICAL DATA
FEATURES
Plastic material used carries Underwiters
Laboratory recognition 94V-0
Low leakage
Surge overload rating-30 amperes peak
Ldeal for printed circuit board
Exceeds environmental standards of MMIL-S-19500
Case Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Terminals Lead solderable per MIL-STD-202, Method 208
Polarity Polarity symbols molded or marking on body.
Mounting position Any
Weight 0.008 ounce, 0.22gram
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
UNITS
0C
0C
-55 to +150
-55 to +150
pF
Volts
Volts
Volts
V
Amps
Amps
0C / W
0.5
0.8
30
5
1
5
25
85
A
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward on glass-epoxy P.C.B (Note 1)
0
Current TA=30 C on aluminum substrate (Note 3)
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave
Superimposed on Rated Load
2
I t Rating fusing (t<8.35ms)
Maximum Forward Voltage Drop per Bridge Element at 0.5A
0
Maximum Reverse Current at Rated TJ=25 C
0
DC Blocking Voltage per element TJ=125 C
Typical Junction capacitance per leg (Note 1) CJ
Typical Thermal resistance per leg (Note 2) R JA
Operating Temperature Range TJ
Storage Temperature Range TA
B1S
100
70
100
B2S
200
140
200
B4S
400
280
400
B6S
600
420
600
B8S
800
560
800
B10S
1000
700
1000
NOTES
1. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0 Volts
2. Thermal Resestance From Junction to Ambient and from junction to lead mounted on P.C.B with 0.05 x 0.05
(13x13mm) copper pads.
3. On alum
substrate P.C.B with an rea of 0.8x0.8x0.25
(20x20x6.4mm) mounte on 0.05x0.05
(13x13mm) solder pad.
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
2
At
www.paceleader.tw


Similar Part No. - B10S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
B10S PANJIT-B10S Datasheet
114Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER(VOLTAGE - 100 to 1000 Volts CURRENT - 0.5 Amperes)
logo
Dc Components
B10S DCCOM-B10S Datasheet
362Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE MINI SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
B10S FORMOSA-B10S Datasheet
69Kb / 2P
Glass passivated type
logo
Comchip Technology
B10S COMCHIP-B10S Datasheet
70Kb / 2P
SMD Genenal Purpose Bridge Rectifier
logo
Pan Jit International I...
B10S PANJIT-B10S Datasheet
71Kb / 3P
MINI SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - B10S

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
B1S DGNJDZ-B1S Datasheet
109Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
HD01 DGNJDZ-HD01 Datasheet
101Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MB1S DGNJDZ-MB1S Datasheet
360Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B1S-B10S DGNJDZ-B1S-B10S Datasheet
134Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Nanjing International G...
MB05S DGNJDZ-MB05S Datasheet
143Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
Surface Mount Glass Passivated Rectifiers
logo
Bytesonic Electronics C...
MB1F BYTESONIC-MB1F Datasheet
550Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.4 2017/03/13
B1S BYTESONIC-B1S Datasheet
604Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
2017/5/17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com