Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2550BL-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2550BL-R
Description  2.4 GHz Low Power Front End Module Preliminary
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2550BL-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2550BL-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2550BL-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2550BL
2.4 GHz Low Power Front End Module
Preliminary
Applications
Portable WLAN – Cell phones, PDA’s
DSSS 2.4 GHz WLAN (IEEE802.11b)
OFDM 2.4 GHz WLAN (IEEE802.11g)
Features
Includes: PA, 50 ohm matching, Power detector,
harmonic filter and SPDT Switch.
802.11g Output Power
+ 17 dBm, EVM = 3.0 %, ICC = 125 mA
802.11b Output Power
+ 19 dBm, ACPR = -40 dBr, ICC = 150 mA
28 dB Gain
Robust, selectable slope, power detector with
~1.5 dB variation over 2:1 mismatch
Integrated power amplifier enable pin (VEN)
Single supply voltage: 2.7 V to 3.6 V
Lead free and RoHs compliant
Small, lead free package, 18 pin 4 mm x 4.5 mm
x 0.6 mm QFN, MSL3
Ordering Information
Type
Package
Remark
SE2550BL
18-QFN
Samples
SE2550BL-R
18-QFN
Tape and Reel
SE2550BL-EK1
Evaluation Kit
Standard
Product Description
The SE2550BL is a 2.4 GHz front end module
designed for use in the 2.4 GHz ISM band for portable
wireless LAN applications.
The device offers high
efficiency at the required output powers to ensure
longer battery life for cellphone, PDA and other
portable applications.
The SE2550BL is highly integrated, allowing for a
smaller footprint and simple design.
The device
includes a power amplifier, digital enable control for
device on/off control, T/R Switch, harmonic filter and
50 ohm matching on all I/O. With the digital enable
control, the device can be directly connected to a
CMOS baseband or transceiver.
The SE2550BL temperature compensated power
detector has two selectable power detectors slopes,
positive and negative.
This allows easy use with
multiple chipsets. The detector is also highly immune
to mismatch at its output with less than 1.5 dB of
variation with a 2:1 mismatch.
Functional Block Diagram
V C C 0
V D E T OUT
ANT
RF I N
V C C 1
V C C 2
Stage 2
Stage 1
Stage 3
Bias Generator
Detector
(with Switch)
V EN
50 Ohm
Match
V C C 3
Filtering
RX OU T
SPDT
C1
C2
Slope SEL
Figure 1: SE2550BL Functional Block Diagram
65-DST-01
Rev 1.3
May-26-2009
1 of 2
QA040506


Similar Part No. - SE2550BL-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2559L20-EK1 SIGE-SE2559L20-EK1 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2559L20-R SIGE-SE2559L20-R Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
More results

Similar Description - SE2550BL-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Skyworks Solutions Inc.
SKY65337-11 SKYWORKS-SKY65337-11 Datasheet
249Kb / 12P
2.4 GHz Transmit/Receive Front-End Module
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
SE2436L SKYWORKS-SE2436L Datasheet
262Kb / 13P
High Power 2.4 GHz 802.15.4 Front End Module
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
2.4 GHz, 802.11ac Front-End Module
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
2.4 GHz, 802.11ac Front-End Module
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com