Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4148WTP Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # CD4148WTP
Description  SMALL-SIGNAL CHIP DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

CD4148WTP Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  CD4148WTP Datasheet HTML 1Page - PACELEADER INDUSTRIAL CD4148WTP Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
CD4148WTP
SMALL-SIGNAL CHIP DIODE
SMALL-SIGNAL CHIP DIODE
o
Absolute Maxmum Ratings & Thermal Characteristics Tamb=25 C, unless otherwise specified
UNITS
SYMBOL
PARAMETER
VALUE
0C
0C
Reverse Voltage
Peak Reverse Voltage
Forward Continuous current
Average rectified current sin half wave rectification with
resistive load f
=50Hz
0
Surge Forward Current t 1S and TJ=25 C
Power dissipation
Typical Thermal Resistance Junction to Ambiant Air
Junction Temperature
Storage Temperature
VR
VRM
IFM
IF(AV)
IFSM
Ptot
R JA
TJ
TS
75
100
300
1)
150
500
1)
400
1)
375
175
-65 to +175
Volts
Volts
mA
mA
mA
mW
K / W
1) Valid provided that electrodes are kept at ambient temperature.
FEATURES
MECHANICAL DATA
This diode is also available other case styles
Including the 1206 case with the type designation
CD4148WP, and the 0805 case with the type
Designation CD4148WSP
Silicon Epitaxial Planar Diode
Fast switching diode.
Case 0603
Weight Approx. 4mg
Marking Cathode band
o
ELECTRICAL CHARACTERISTICS Tamb=25 C, unless otherwise specified
UNITS
SYMBOL
Min
45
Max
Forward voltage
IF = 10mA
VR = 20V
VR = 75V
0
VR = 20V, TJ = 150 C
Leakage current
Capacitance
VF = VR = 0V
Voltage rise when switching ON tested with 50mA pulses,
tp = 0.1us, rise time<30ns
fp = (5 to 100) KHz
Reverse recovery Time
IF = 10mA
IR = 1mA,
to
VR = 6V, RL = 100
Rectification efficiency
f = 100MHz, VRF = 2V
PARAMETER
VF
IR
Ctot
Vfr
TRR
r
1.0
25
5.0
50
4
2.5
4
V
nA
A
A
pF
V
nS
%
0603
www.paceleader.tw


Similar Part No. - CD4148WTP

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
CD4148WTP MOSPEC-CD4148WTP Datasheet
157Kb / 3P
Small-Signal Chip Diode
logo
MAKO SEMICONDUCTOR CO.,...
CD4148WTP MAKOSEMI-CD4148WTP Datasheet
168Kb / 2P
Switching Diode
logo
Nanjing International G...
CD4148WTP DGNJDZ-CD4148WTP Datasheet
2Mb / 6P
Switching Diode
logo
GUANGDONG HOTTECH INDUS...
CD4148WTP HOTTECH-CD4148WTP Datasheet
349Kb / 2P
Switching Diode
logo
Shanghai Leiditech Elec...
CD4148WTP LEIDITECH-CD4148WTP Datasheet
1Mb / 6P
Switching Diode
More results

Similar Description - CD4148WTP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
Small Signal Diode
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
logo
List of Unclassifed Man...
CD4148WT-0603 ETC1-CD4148WT-0603 Datasheet
79Kb / 3P
Small-Signal Chip Diode
logo
Fairchild Semiconductor
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
Small Signal Diode
logo
Mospec Semiconductor
CD4148WP MOSPEC-CD4148WP Datasheet
157Kb / 3P
Small-Signal Chip Diode
CD4148WSP MOSPEC-CD4148WSP Datasheet
156Kb / 3P
Small-Signal Chip Diode
CD4148WTP MOSPEC-CD4148WTP Datasheet
157Kb / 3P
Small-Signal Chip Diode
logo
PACELEADER INDUSTRIAL
CD4148WP PACELEADER-CD4148WP Datasheet
300Kb / 2P
SMALL-SIGNAL CHIP DIODE
CD4148WSP PACELEADER-CD4148WSP Datasheet
294Kb / 2P
SMALL-SIGNAL CHIP DIODE
logo
Compact Technology Corp...
CT4148WP CTC-CT4148WP Datasheet
139Kb / 5P
Small signal chip diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com