Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECHXAQJB Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8533ECHXAQJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECHXAQJB Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECHXAQJB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8533ECHXAQJB Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8533ECHXAQJB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8533ECHXAQJB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8533ECHXAQJB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8533ECHXAQJB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8533ECHXAQJB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8533ECHXAQJB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8533ECHXAQJB Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
21
DDR and DDR2 SDRAM
NOTE
For the ADDR/CMD setup and hold specifications in Table 18, it is
assumed that the clock control register is set to adjust the memory clocks by
½ applied cycle.
MDQ/MECC/MDM output setup with respect
to MDQS
tDDKHDS,
tDDKLDS
ps
5
533 MHz
400 MHz
333 MHz
538
700
900
—
—
—
7
—
—
MDQ/MECC/MDM output hold with respect to
MDQS
tDDKHDX,
tDDKLDX
ps
5
533 MHz
400 MHz
333 MHz
538
700
900
—
—
—
7
—
—
MDQS preamble
tDDKHMP
0.75 x tMCK
—
ns
6
MDQS postamble
tDDKHME
0.4 x tMCK
0.6 x tMCK
ns
6
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. Output hold time can be read as DDR timing
(DD) from the rising or falling edge of the reference clock (KH or KL) until the output went invalid (AX or DX). For example,
tDDKHAS symbolizes DDR timing (DD) for the time tMCK memory clock reference (K) goes from the high (H) state until
outputs (A) are setup (S) or output valid time. Also, tDDKLDX symbolizes DDR timing (DD) for the time tMCK memory clock
reference (K) goes low (L) until data outputs (D) are invalid (X) or data output hold time.
2. All MCK/MCK referenced measurements are made from the crossing of the two signals ±0.1 V.
3. ADDR/CMD includes all DDR SDRAM output signals except MCK/MCK, MCS, and MDQ/MECC/MDM/MDQS.
4. Note that tDDKHMH follows the symbol conventions described in note 1. For example, tDDKHMH describes the DDR timing
(DD) from the rising edge of the MCK[n] clock (KH) until the MDQS signal is valid (MH). tDDKHMH can be modified through
control of the DQSS override bits in the TIMING_CFG_2 register. This will typically be set to the same delay as the clock
adjust in the CLK_CNTL register. The timing parameters listed in the table assume that these two parameters have been
set to the same adjustment value. See the
MPC8533E PowerQUICC III Integrated Communications Processor Reference
Manual, for a description and understanding of the timing modifications enabled by use of these bits.
5. Determined by maximum possible skew between a data strobe (MDQS) and any corresponding bit of data (MDQ), ECC
(MECC), or data mask (MDM). The data strobe should be centered inside of the data eye at the pins of the microprocessor.
6. All outputs are referenced to the rising edge of MCK[n] at the pins of the microprocessor. Note that tDDKHMP follows the
symbol conventions described in note 1.
7. Maximum DDR1 frequency is 400 MHz.
Table 18. DDR SDRAM Output AC Timing Specifications (continued)
At recommended operating conditions.
Parameter
Symbol1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com