Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECHXARJB Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPC8533ECHXARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECHXARJB Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECHXARJB Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
93
Thermal
19.6.2
Platform to FIFO Restrictions
Please note the following FIFO maximum speed restrictions based on platform speed. Refer to Section 4.4,
“Platform to FIFO Restrictions,” for additional information.
20 Thermal
This section describes the thermal specifications of the MPC8533E.
20.1
Thermal Characteristics
Table 65 provides the package thermal characteristics.
Table 64. FIFO Maximum Speed Restrictions
Platform Speed (MHz)
Maximum FIFO Speed for Reference Clocks
TSEC
n_TX_CLK, TSECn_RX_CLK (MHz)1
533
126
400
94
Note:
1. FIFO speed should be less than 24% of the platform speed.
Table 65. Package Thermal Characteristics
Characteristic
JEDEC Board
Symbol
Value
Unit
Notes
Junction-to-ambient natural convection
Single layer board (1s)
RθJA
26
°C/W
1, 2
Junction-to-ambient natural convection
Four layer board (2s2p)
RθJA
21
°C/W
1, 2
Junction-to-ambient (@200 ft/min)
Single layer board (1s)
RθJA
21
°C/W
1, 2
Junction-to-ambient (@200 ft/min)
Four layer board (2s2p)
RθJA
17
°C/W
1, 2
Junction-to-board thermal
—
RθJB
12
°C/W
3
Junction-to-case thermal
—
RθJC
<0.1
°C/W
4
Notes:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
2. Per JEDEC JESD51-2 and JESD51-6 with the board (JESD51-9) horizontal.
3. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
4. Thermal resistance between the active surface of the die and the case top surface determined by the cold plate method (MIL
SPEC-883 Method 1012.1) with the calculated case temperature. Actual thermal resistance is less than 0.1
°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com