Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECHXARJB Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # MPC8533ECHXARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECHXARJB Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECHXARJB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
103
System Design Information
level should always be equivalent to VDD, and preferably these voltages will be derived directly from VDD
through a low frequency filter scheme such as the following.
There are a number of ways to reliably provide power to the PLLs, but the recommended solution is to
provide independent filter circuits per PLL power supply as illustrated in Figure 61, one to each of the
AVDD pins. By providing independent filters to each PLL the opportunity to cause noise injection from
one PLL to the other is reduced.
This circuit is intended to filter noise in the PLLs resonant frequency range from a 500 kHz to 10 MHz
range. It should be built with surface mount capacitors with minimum Effective Series Inductance (ESL).
Consistent with the recommendations of Dr. Howard Johnson in High Speed Digital Design: A Handbook
of Black Magic (Prentice Hall, 1993), multiple small capacitors of equal value are recommended over a
single large value capacitor.
Each circuit should be placed as close as possible to the specific AVDD pin being supplied to minimize
noise coupled from nearby circuits. It should be possible to route directly from the capacitors to the AVDD
pin, which is on the periphery of 783 FC-PBGA the footprint, without the inductance of vias.
Figure 61 shows the PLL power supply filter circuit.
Figure 61. MPC8533E PLL Power Supply Filter Circuit
The AVDD_SRDSn signals provide power for the analog portions of the SerDes PLL. To ensure stability
of the internal clock, the power supplied to the PLL is filtered using a circuit similar to the one shown in
Figure 62. For maximum effectiveness, the filter circuit is placed as closely as possible to the
AVDD_SRDSn balls to ensure it filters out as much noise as possible. The ground connection should be
near the AVDD_SRDSn balls. The 0.003-µF capacitor is closest to the balls, followed by the 1-µF
capacitor, and finally the 1-
Ω resistor to the board supply plane. The capacitors are connected from
AVDD_SRDSn to the ground plane. Use ceramic chip capacitors with the highest possible self-resonant
frequency. All traces should be kept short, wide, and direct.
Figure 62. SerDes PLL Power Supply Filter Circuit
Note the following:
•AVDD_SRDS should be a filtered version of SVDD.
•
Signals on the SerDes interface are fed from the XVDD power plane.
VDD
AVDD
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
10
Ω
2.2 µF1
0.003 µF
GND
1.0
Ω
AVDD_SRDS
Note:
1. An 0805 sized capacitor is recommended for system initial bring-up.
SVDD
2.2 µF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com