Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECHXARJB Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MPC8533ECHXARJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECHXARJB Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECHXARJB Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8533ECHXARJB Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
111
Device Nomenclature
•
All AD pins will be in the input state. Therefore, all ADs pins need to be grouped together and tied
to OVDD through a single (or multiple) 10-kΩ resistor(s).
•
All PCI control pins can be grouped together and tied to OVDD through a single 10-kΩ resistor.
21.12 Guideline for LBIU Termination
If the LBIU parity pins are not used, the following list shows the termination recommendation:
•
For LDP[0:3]: tie them to ground or the power supply rail via a 4.7-k
Ω resistor.
•
For LPBSE: tie it to the power supply rail via a 4.7-k
Ω resistor (pull-up resistor).
22 Device Nomenclature
Ordering information for the parts fully covered by this hardware specifications document is provided in
Section 22.3, “Part Marking.” Contact your local Freescale sales office or regional marketing team for
order information.
22.1
Industrial and Commercial Tier Qualification
The MPC8533E device has been tested to meet the commercial tier qualification. Table 69 provides a
description for commercial and industrial qualifications.
Table 69. Commercial and Industrial Description
Tier1
Typical Application
Use Time
Power-On Hours
Example of Typical Applications
Commercial
5 years
Part-time/ Full-Time PC's, consumer electronics, office automation, SOHO networking,
portable telecom products, PDA's, etc.
Industrial
10 years
Typically Full-Time
Installed telecom equipment, work stations, servers, warehouse
equipment, etc.
Note:
1. Refer to Table 2 for operating temperature ranges. Temperature is independent of tier and varies per product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com