Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECZQAFDA Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPC8378ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECZQAFDA Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECZQAFDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8378ECZQAFDA Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
41
Local Bus
10.2
Local Bus AC Electrical Specifications
Table 43 describes the general timing parameters of the local bus interface of the device.
Table 43. Local Bus General Timing Parameters—PLL Enable Mode
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
7.5
15
ns
2
Input setup to local bus clock (except LUPWAIT/LGTA)tLBIVKH
1.5
—
ns
3, 4
Input hold from local bus clock
tLBIXKH
1.0
—
ns
3, 4
LUPWAIT/LGTA input setup to local bus clock
tLBIVKH1
1.5
—
ns
3, 4
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT1
1.5
—
ns
5
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT2
3—
ns
6
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT3
2.5
—
ns
7
Local bus clock to LALE rise
tLBKHLR
—4.5
ns
—
Local bus clock to output valid (except LALE)
tLBKHOV
—4.5
ns
3
Local bus clock to output high impedance for LAD/LDP
tLBKHOZ
—
3.8
ns
3, 8
Output hold from local bus clock for LAD/LDP
tLBKHOX
1—
ns
3
Note:
1 The symbols used for timing specifications herein follow the pattern of t
(First two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus
timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case for
clock one(1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with respect to
the output (O) going invalid (X) or output hold time.
2 All timings are in reference to rising edge of LSYNC_IN at LBV
DD/2 and the 0.4 × LBVDD of the signal in question.
3 All signals are measured from LBV
DD/2 of the rising/falling edge of LSYNC_IN to 0.5 × LBVDD of the signal in question.
4 Input timings are measured at the pin.
5 t
LBOTOT1 should be used when LBCR[AHD] is not set and the load on LALE output pin is at least 10pF less than the load on
LAD output pins.
6 t
LBOTOT2 should be used when LBCR[AHD] is set and the load on LALE output pin is at least 10pF less than the load on LAD
output pins.
7 t
LBOTOT3 should be used when LBCR[AHD] is set and the load on LALE output pin equals to the load on LAD output pins.
8 For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com