Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8379ECZQAFDA Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8379ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECZQAFDA Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECZQAFDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8379ECZQAFDA Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
6
Freescale Semiconductor
Electrical Characteristics
1.10
Serial ATA (SATA) Controllers
The serial ATA (SATA) controllers have the following features:
•
Supports Serial ATA Rev 2.5 Specification
•
Spread spectrum clocking on receive
•
Asynchronous notification
•
Hot Plug including asynchronous signal recovery
•
Link power management
•
Native command queuing
•
Staggered spin-up and port multiplier support
•
Port multiplier support
•
SATA 1.5 and 3.0 Gb/s operation
•
Interrupt driven
•
Power management support
•
Error handling and diagnostic features
— Far end/near end loopback
— Failed CRC error reporting
— Increased ALIGN insertion rates
•
Scrambling and CONT override
1.11
Enhanced Secured Digital Host Controller (eSDHC)
The enhanced SD Host Controller (eSDHC) has the following features:
•
Conforms to SD Host Controller Standard Specification, Rev 2.0 with Test Event register support.
•
Compatible with the MMC System Specification, Rev 4.0
•
Compatible with the SD Memory Card Specification, Rev 2.0, and supports High Capacity SD
memory cards
•
Compatible with the SDIO Card Specification Rev, 1.2
•
Designed to work with SD Memory, miniSD Memory, SDIO, miniSDIO, SD Combo, MMC,
MMCplus, MMC 4x, and RS-MMC cards
•
SD bus clock frequency up to 50 MHz
•
Supports 1-/4-bit SD and SDIO modes, 1-/4-bit MMC modes
•
Supports internal DMA capabilities
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8379E. The device is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer
design specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com