Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2523BU-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2523BU-R
Description  2.4 GHz Power Amplifier with Power Detector Preliminary
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2523BU-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2523BU-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2523BU-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2523BU
2.4 GHz Power Amplifier with Power Detector
Preliminary
Applications
DSSS 2.4 GHz WLAN (IEEE802.11b)
OFDM 2.4 GHz WLAN (IEEE802.11g)
Portable and Battery WLAN Applications
Access Points, PCMCIA, PC cards
Features
Single 3.3 V Supply Operation
18.5 dBm, EVM = 3 %, 802.11g, OFDM 54 Mbps
23 dBm, ACPR < -32 dBc, 802.11b
32 dB Gain
Selectable Power Detector Slope for use with
multiple chipsets (Negative and Positive)
Integrated power amplifier enable pin (VEN)
Lead Free and RoHS Compliant
Ultra thin package: 0.5 mm
Small package, 16 pin 3 mm x 3 mm x 0.5 mm
QFN
Ordering Information
Part Number
Package
Remark
SE2523BU
16 Pin QFN
Samples
SE2523BU-R
16 Pin QFN
Tape and Reel
SE2523BU-EK1
Evaluation Kit
Standard
Product Description
The SE2523BU is a 2.4 GHz power amplifier
designed for use in the 2.4 GHz ISM band for wireless
LAN
applications.
The
device
incorporates
two
selectable power detectors for closed loop monitoring
of the output power.
The SE2523BU includes a digital enable control for
device on/off control.
The SE2523BU temperature compensated power
detector has two selectable power detectors slopes,
positive and negative.
This allows easy use with
multiple chipsets. The detector is also highly immune
to mismatch at its output with less than 1.5 dB of
variation with a 2:1 mismatch.
Functional Block Diagram
VCC0
V DETOUT
OUT/VCC3
IN
V CC1
V CC2
Stage 2
Stage 1
Stage 3
Bias Generator
Detector
(with Switch)
VEN
SLOPE SEL
Figure 1: Functional Block Diagram
192-DST-01
Rev 1.3
May-26-2009
1 of 2
QA041206


Similar Part No. - SE2523BU-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2520 SIGE-SE2520 Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L SIGE-SE2520L Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-EK1 SIGE-SE2520L-EK1 Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-EK3 SIGE-SE2520L-EK3 Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-R SIGE-SE2520L-R Datasheet
345Kb / 8P
RangeCharger 2.4GHz Power Amplifier IC Final
More results

Similar Description - SE2523BU-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com