Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8533ECVTAAJB Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC8533ECVTAAJB
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8533ECVTAAJB Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC8533ECVTAAJB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8533ECVTAAJB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8533ECVTAAJB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8533ECVTAAJB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8533ECVTAAJB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8533ECVTAAJB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8533ECVTAAJB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8533ECVTAAJB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8533ECVTAAJB Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 116 page
background image
MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
80
Freescale Semiconductor
Package Description
18.3
Pinout Listings
NOTE
The naming convention of TSEC1 and TSEC3 is used to allow the splitting
voltage rails for the eTSEC blocks and to ease the port of existing
PowerQUICC III software.
NOTE
The DMA_DACK[0:1] and TEST_SEL pins must be set to a proper state
during POR configuration. Please refer to Table 57 for more details.
Table 57 provides the pinout listing for the MPC8533E 783 FC-PBGA package.
Table 57. MPC8533E Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI
PCI1_AD[31:0]
AE8, AD8, AF8, AH12, AG12, AB9, AC9, AE9,
AD10, AE10, AC11, AB11, AB12, AC12, AF12,
AE11, Y14, AE15, AC15, AB15, AA15, AD16,
Y15, AB16, AF18, AE18, AC17, AE19, AD19,
AB17, AB18, AA16
I/O
OVDD
—
PCI1_C_BE[3:0]
AC10, AE12, AA14, AD17
I/O
OVDD
—
PCI1_GNT[4:1]
AE7, AG11,AH11, AC8
O
OVDD
4, 8, 24
PCI1_GNT0
AE6
I/O
OVDD
—
PCI1_IRDY
AF13
I/O
OVDD
2
PCI1_PAR
AB14
I/O
OVDD
—
PCI1_PERR
AE14
I/O
OVDD
2
PCI1_SERR
AC14
I/O
OVDD
2
PCI1_STOP
AA13
I/O
OVDD
2
PCI1_TRDY
AD13
I/O
OVDD
2
PCI1_REQ[4:1]
AF9, AG10, AH10, AD6
I
OVDD
—
PCI1_REQ0
AB8
I/O
OVDD
—
PCI1_CLK
AH26
I
OVDD
—
PCI1_DEVSEL
AC13
I/O
OVDD
2
PCI1_FRAME
AD12
I/O
OVDD
2
PCI1_IDSEL
AG6
I
OVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com