Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2545A23-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2545A23-R
Description  Dual Band 802.11n Wireless LAN Front End Preliminary Information
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2545A23-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2545A23-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2545A23-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2545A23
Dual Band 802.11n Wireless LAN Front End
Preliminary Information
Applications
802.11n, MIMO solutions
IEEE802.11b DSSS WLAN
IEEE802.11g OFDM WLAN
IEEE802.11a OFDM WLAN
Access Points, PCMCIA, PC cards
Features
2 Transmit and 2 receive path architecture
All RF ports matched to 50 Ω
Integrated 2.4 GHz PA, 5 GHz PA, TX Filter, T/R
switches and diplexers
Integrated Power Detector for each TX Chain
18 dBm O/P Power, 802.11b, 11 Mbits, ACPR =
32 dBc
18 dBm @ 3.0 % EVM, 802.11g, 54 Mbits
15 dBm @ 3.0 % EVM, 802.11a, 54 Mbits
Single supply voltage: 3.3 V ± 10 %
Lead free and RoHS compliant
Thin lead free plated package, 10 mm x 14 mm x
1.1 mm, MSL 3
Ordering Information
Part No.
Package
Remark
SE2545A23
48 pin LGA
Samples
SE2545A23-R
48 pin LGA
Tape & Reel
SE2545A23-EK1
N/A
Evaluation kit
Product Description
The SE2545A23 is a complete 802.11n WLAN RF
front-end module providing all the functionality of the
power amplifiers, power detector, T/R switch,
diplexers and associated matching. The SE2545A23
provides a complete 2.4 GHz and 5 GHz WLAN
Multiple Input, Multiple Output (MIMO) RF solution
from the output of the transceiver to the antennas in
an ultra compact form factor.
Designed for ease of use, all RF ports are matched to
50 Ω to simplify PCB layout and the interface to the
transceiver RFIC. The SE2545A23 also includes a
transmitter power detector for each band and transmit
chain with 20 dB of dynamic range for each transmit
chain. Each transmit chain has a separate digital
enable control for transmitter power ramp on/off
control. The power ramp rise/fall time is less than 0.5
μsec.
The device also provides a notch filter from 3.2-3.3
GHz and 3.2-3.9 GHz prior to the input of each 2.4
GHz and 5 GHz power amplifiers, respectively.
Functional Block Diagram
Diplexer
Trap
Filter
Diplexor
Trap
Filter
Diplexer
5 GHz
PA
5 GHz
PA
2.4 GHz
PA
Diplexor
TOg
TOa
T1a
T1g
ROg
ROa
R1a
R1g
PU1g
PU1a
PU0g
PU0a
PD0ag
PD1ag
RX1ag TX1ag
RX0ag
TX0ag
T/R
Switch
T/R
Switch
A0
A1
Trap
Filter
Trap
Filter
Coupler
Power Detector
Power Detector
Coupler
2.4 GHz
PA
Figure 1: Functional Block Diagram
218-DST-01 Rev 1.4 May-26-2009
1 of 2


Similar Part No. - SE2545A23-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A30-EK1 SIGE-SE2545A30-EK1 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A30-T SIGE-SE2545A30-T Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
More results

Similar Description - SE2545A23-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2593A20 SIGE-SE2593A20 Datasheet
119Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2595L SIGE-SE2595L Datasheet
118Kb / 2P
Dual Band 802.11n Wireless LAN Front End Preliminary Information
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
SE2593A20 SKYWORKS-SE2593A20_15 Datasheet
666Kb / 18P
Dual-Band 802.11n Wireless LAN Front-End
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com