Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4110L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE4110L-R
Description  GPS Receiver IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE4110L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE4110L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE4110L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE4110L
GPS Receiver IC
Applications
High sensitivity / low power GPS and A-GPS
applications
Portable navigation devices, mobile phones and
GPS peripheral devices
Telematics equipment
Features
DST-00002
Rev 6.4
May-26-2009
1 of 2
Single-conversion L1-band GPS radio with
integrated IF filter
Integrated LNA; 1.6 dB typ. noise figure
Low RF system noise figure; 2.3 dB typ.
Low 10 mA operating current with 2.7-3.3 V supply;
8 mA with internal LNA disabled
Standby current <10 µA
Fully Integrated PLL, compatible with 13, 16.368,
19.5 and 26 MHz reference frequencies
2-bit SIGN & MAG Digital IF output
Integrated VCO and resonator
I/O supply range extends down to 1.7 V
4 x 4 mm 24 pin QFN
Pb-free, RoHS compliant and Halogen-free
Ordering Information
Part No.
Package
Remark
SE4110L-R
24 Pin QFN
Shipped in Tape & Reel
Functional Block Diagram
Product Description
The SE4110L is a highly integrated GPS receiver
offering high performance and low-power operation in a
wide range of low-cost applications. It is particularly
well-suited to mobile phone and high sensitivity L1-band
GPS and A-GPS systems.
The SE4110L includes an on-chip LNA and a low IF
receiver with a linear AGC and 2-bit analogue-to-digital
converter (ADC). The receiver incorporates a fully
integrated image reject mixer so no SAW filter is
required in many applications. There is also an on-chip
IF filter.
The SE4110L supports a wide range of reference
frequencies, addressing both traditional GPS systems
and
emerging
mobile
phone
applications.
The
synthesizer is highly integrated requiring only two
passive components to implement an off-chip loop filter.
The SE4110L is optimized for the lowest possible
power consumption consistent with the very low
external component count.
The
SE4110L
incorporates
current-controlled
low-
spurious output buffers which may optionally be run
from a separate external supply to interface to low
voltage systems. The buffers supply sufficient current to
drive most baseband devices directly.
SE4110
Phase/Frequency
Detector
Quadrature
÷2
Feedback
Divider
IF Filter
~
~
~
VCO
-45°
+45°
ADC
~
AGC
Controller
IQ
Reference
Divider
VTUNE
XTAL2
XTAL1
VAGC
CLK_OUT
Chip
control
Clock
select
OSC_EN
RX_EN
FREF2
FREF1
FREF0
SIGN
MAG
AGC_DIS
RVI
Buffer
Optional
filter
LNA_IN
LNA_OUT
MIX_IN
LNA
~ Reference
Oscillator
/ Buffer
PLL Loop
Filter


Similar Part No. - SE4110L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4110S SIGE-SE4110S Datasheet
80Kb / 2P
GPS Receiver IC
SE4110S-R SIGE-SE4110S-R Datasheet
80Kb / 2P
GPS Receiver IC
More results

Similar Description - SE4110L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
670Kb / 2P
PointCharger??GPS Receiver IC Preliminary Information
logo
List of Unclassifed Man...
EZGPM01 ETC-EZGPM01 Datasheet
387Kb / 10P
GPS RECEIVER
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
List of Unclassifed Man...
TIM-LC ETC2-TIM-LC Datasheet
510Kb / 15P
GPS Receiver Module
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
83Kb / 2P
GPS Receiver IC
SE4110S SIGE-SE4110S Datasheet
80Kb / 2P
GPS Receiver IC
SE4150L SIGE-SE4150L Datasheet
90Kb / 2P
GPS Receiver IC Preliminary Datasheet
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
logo
List of Unclassifed Man...
GPS100 ETC2-GPS100 Datasheet
103Kb / 4P
GPS Receiver
logo
Semtech Corporation
RGPSM002 SEMTECH-RGPSM002 Datasheet
978Kb / 26P
GPS Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com