Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2AB Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # ES2AB
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ES2AB Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  ES2AB Datasheet HTML 1Page - PACELEADER INDUSTRIAL ES2AB Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
ES2AB thru ES2JB
FEATURES
MECHANICAL DATA
UNITS
0C
-55 to +150
pF
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R JA
CJ
2.0
50
0.95
1.25
1.7
25
20
TJ
TSTG
5.0
100
35
A
nS
SURFACE MOUNT SUPERFAST RECTIFIER
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE - 50 TO 600 VOLTS
CURRENT - 2.0 AMPERES
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
TRR
NOTES
1. Rverse Recovery Test Condibons IF=0.5A, IR=1.0A, lRR=0.25A
2. Measured at 1 MHz and applied reverse Voltag of 4.0VDC
2
3. 8.0mm (.013mm thick) land areas
For surface mount applications
Low profile package
Buit-in strain relief
Easy pick and place
Superfast recovery times for high efficiency
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Glass passivated junction
o
High temperature soldering
260 C/10seconds at terminals
Pb free product are available
99% Sn above can meet RoHS
Environment substance directive request
Case
JEDEC DO-214AA molded plastic
Terminals
Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity indicated by cathode band
Standard packaging
16mm tape (EIA-481)
Weight 0.003 ounce, 0.093grams
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current @ TL =110 C
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneoue Forward Voltage at 2.0A
0
Maximum DC Reverse Current @TJ=25 C
0
at Rated DC Blocking Voltage @TJ=100 C
Maximum Reverse Recovery Time (NOTE 1)
Typical Junction Capacitance (NOTE 2)
Typical Thermal Resistance (NOTE 3)
Operating and Storage Temperature Range
ES2AB
50
35
50
ES2BB
100
70
100
ES2CB
150
105
150
ES2DB
200
140
200
ES2EB
300
210
300
ES2GB
400
280
400
ES2JB
600
420
600
SMB/DO-214AA
Dimensions in inches and (millimeters)
.130(3.30)
.155(3.94)
.006(.152)
.012(.305)
.200(5.08)
.004(.102)
.160(4.06)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.030(0.76)
.050(1.27)
.185(4.70)
.008(.203)
.220(5.59)
www.paceleader.tw


Similar Part No. - ES2AB

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
ES2AB YINT-ES2AB Datasheet
545Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
UN Semiconducctor INC
ES2AB UNSEMI-ES2AB Datasheet
2Mb / 4P
Surface Mount Superfast Recovery Rectifier
Revision March 1,2022
logo
Microdiode Semiconducto...
ES2ABF CHENDA-ES2ABF Datasheet
601Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2ABF YFWDIODE-ES2ABF Datasheet
90Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES2ABF YFWDIODE-ES2ABF Datasheet
426Kb / 3P
Surface Mount Superfast Recovery Rectifier
More results

Similar Description - ES2AB

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
SURFACE MOUNT SUPERFAST RECTIFIER
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
SURFACE MOUNT SUPERFAST RECTIFIER
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com