Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1JB Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # ES1JB
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ES1JB Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  ES1JB Datasheet HTML 1Page - PACELEADER INDUSTRIAL ES1JB Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES ES1AB THRU ES1JB
SURFACE MOUNT SUPERFAST RECTIFIER
SURFACE MOUNT SUPERFAST RECTIFIER
SET TIME
BASE FOR
10ns/cm
1cm
-1.0
-0.25
0
+0.5A
trr
50
Noninductive
1
NON-
Inductive
NOTES:1. Rise Time=7ns max.
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance=50 Ohms.
10
Noninductive
D.U.T.
OSCILLOSCOPE
NOTE 1
PULSE
GENERATOR
NOTE 2
25 Vdc
(approx)
(+)
(+)
()
()
Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM ES1A THRU ES1G
Fig. 2 - MAXIMUM AVERAGE
FORWARD CURRENT RATING
Fig. 4 - TYPICAL FORWARD CHARACTERISTICS
10
1.0
0.1
0.01
0.001
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ES1AB
ES1EB
ES1JB
0
T =25C
J
0
T =125C
J
0
T =75C
J
0
T =25C
J
1000
100
10
1.0
0.1
Fig. 3 - TYPICAL REVERSE CHARACTERISTICS
% of PIV, VOLTS
20
40
60
80
10 0
120
2.0
1.0
25
50
75 100 125 150 175
o
LEAD TEMPERATURE, C
SINGLE PHASE
HALF W AVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.315x0.315"(8.0x8.0mm)
COPPER PAD AREAS
Fig. 6 - TYPICAL JUNCTION CAPACITANCE
14
12
10
8.0
6.0
4.0
2.0
0
0.1
1
10
100
REVERSE VOLTAGE, VOLTS
0
T =25C
J
f=1.0MHZ
Vslg=50mVp-p
8.3ms SINGLE HALF SINCE-WAVE
JEDEC METHOD
30
25
20
15
10
5
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
Fig. 5 - MAXIMUM NON-REPETITIVE SURGE CURRENT
www.paceleader.tw
ES1AB thru ES1JB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com