Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3EC Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # ES3EC
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ES3EC Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  ES3EC Datasheet HTML 1Page - PACELEADER INDUSTRIAL ES3EC Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES ES3AC THRU ES3JC
SURFACE MOUNT SUPERFAST RECTIFIER
SURFACE MOUNT SUPERFAST RECTIFIER
Fig. 2 - MAXIMUM AVERAGE
FORWARD CURRENT RATING
o
LEAD TEMPERATURE, C
Fig. 4 - TYPICAL FORWARD CHARACTERISTICS
100
10
1
0.1
0.01
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
0.4 0.6
0.8
1.0
1.2
1.4
1.6 1.8
ES3AC-ES3DC
ES3AC-ES3GC
ES3JC
0
T =25C
J
PULSE WIDTH=300 S
2% DUTY CYCLE
Fig. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK INVERSE
VOLTAGE, VOLTS
20
40
60
80
100 120 140
Fig. 6 - TYPICAL JUNCTION CAPACITANCE
Fig. 5 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
200
100
50
10
REVERSE VOLTAGE, VOLTS
0.1
0.5 1
2
5
10 20
50 100 200 500 1000
SET TIME
BASE FOR
10ns/cm
1cm
-1.0
-0.25
0
+0.5A
trr
50
Noninductive
1
NON-
Inductive
NOTES:1. Rise Time=7ns max.
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance=50 Ohms.
10
Noninductive
D.U.T.
OSCILLOSCOPE
NOTE 1
PULSE
GENERATOR
NOTE 2
25 Vdc
(approx)
(+)
(+)
()
()
Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM ES1A THRU ES1G
SINGLE PHASE
HALF W AVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.315x0.315"(8.0x8.0mm)
COPPER PAD AREAS
3.0
2.5
2.0
1.5
1.0
0.5
0
50
60
70
80
90 100 110 120 130 140 150
1000
100
10
1.0
0.1
0.01
0
T =75C
J
0
T =25C
J
8.3ms SINGLE HALF SINCE-WAVE
JEDEC METHOD
0
T =25C
J
f=1.0MHZ
Vslg=50mVp-p
100
90
75
50
45
30
15
0
T =100 C
J
www.paceleader.tw
ES3AC thru ES3JC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com