Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM4005 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # FM4005
Description  SURFACE MOUNT STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

FM4005 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  FM4005 Datasheet HTML 1Page - PACELEADER INDUSTRIAL FM4005 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FM4001 thru FM4007
FEATURES
MECHANICAL DATA
UNITS
0C
-55 to +150
pF
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R JA
R JL
CJ
1.0
30
1.1
75
30
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 1.0 AMPERES
For surface mount applications
Glass passivated junction
Low profile package
Built-in strain relief
Easy pick and place
Low forward voltage drop
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering
o
250 C/10 seconds at terminsls
Case
JEDEC DO-214AC molded plastic
Terminals
Solder plated, solderable per
MIL-STD-202, Method 208
Polarity Color band denotes cathode end
Standard Package 12mm tape (EIA STD EIA-481)
Weight 0.002 ounce, 0.064gram
o
Ratings at 25 C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current at TL =100 C
Peak Forward Surge Current 8.3mm Single Half wine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.0A
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=125 C
Typical Junction Capacitance (NOTE 1)
Maximum Thermal Resistance (NOTE 2)
Operating and Storage Temperature Range
NOTES
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 volts
2. P.C.B. mounted on 0.2x0.2 (5.0x5.0mm)copper pad areas
TJ
TSTG
FM4001
50
35
50
FM4002 FM4003 FM4004 FM4005 FM4006 FM4007
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
5
50
12
A
www.paceleader.tw
.098(2.50)
.114(2.90)
.006(.152)
.012(.305)
.188(4.80)
.004(.102)
.157(4.00)
.055(1.40)
.062(1.60)
.078(2.00)
.096(2.44)
.030(0.76)
.060(1.52)
.181(4.60)
.008(.203)
.208(5.28)
SMA/DO-214AC
Dimensions in inches and (millimeters)


Similar Part No. - FM4005

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4005 RECTRON-FM4005 Datasheet
23Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM4005 FORMOSA-FM4005 Datasheet
67Kb / 2P
Glass passivated type
FM4005 FORMOSA-FM4005 Datasheet
77Kb / 2P
Chip Silicon Rectifier - Glass passivated type
FM4005 FORMOSA-FM4005 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
logo
Ramtron International C...
FM4005 RAMTRON-FM4005 Datasheet
236Kb / 23P
Integrated Processor Companion
More results

Similar Description - FM4005

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRA4003T3 ONSEMI-MRA4003T3 Datasheet
54Kb / 4P
Surface Mount Standard Recovery Power Rectifier
July, 2004 ??Rev. 3
logo
PACELEADER INDUSTRIAL
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2A PACELEADER-S2A Datasheet
123Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2AB PACELEADER-S2AB Datasheet
129Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S3AB PACELEADER-S3AB Datasheet
127Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S3AC PACELEADER-S3AC Datasheet
134Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
ON Semiconductor
MRS1504T3G ONSEMI-MRS1504T3G_12 Datasheet
111Kb / 5P
Surface Mount Standard Recovery Power Rectifier
July, 2012 ??Rev. 6
logo
Diodes Incorporated
S1MSWFM DIODES-S1MSWFM Datasheet
494Kb / 5P
1.0A SURFACE MOUNT STANDARD RECOVERY RECTIFIER
Rev. 3 - 2 October 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com