Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM102 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # FSM102
Description  SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

FSM102 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  FSM102 Datasheet HTML 1Page - PACELEADER INDUSTRIAL FSM102 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FSM101 thru FSM107
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-65 to +150
-65 to +150
pF
nS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
TRR
CJ
1.0
30
1.3
15
TJ
TSTG
5.0
100
150
250
500
A
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Ldeal for surface mounted applications
Easy pick and place
Low leakage current
Glass passivated chips
Fast switching
Metallurgically bonded construction
High temperature soldering guaranteed
o
250 C/10 seconds/.375
, (9.5mm) lead lengths
Case
Molded plastic use UL94V-0 recoqnized
flame retardant epoxy
Terminals
Plated terminals, solderable per
MIL-STD-202, Method 208
Polarity Red Color band on body denotes cathode
Mounting position
Any
Weight 0.12gram
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Current Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current TT=60 C
Peak Forward Surge Current Single Sine-Wave on Rated
Load (JEDEC Method)
Maximum Instantaneous Forward Voltage Drop at 1.0A DC
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=125 C
Maximum Reverse Recovery Time
Typical Junction Capacitance
Operating Junction Temperature Range
Storage Temperature Range
NOTES
1. Reverse Recovery Test Conditions IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C
FSM101 FSM102 FSM103 FSM104 FSM105 FSM106 FSM107
DO-213AB / MELF
0.022(0.559)
0.016(0.406)
0.205(5.20)
0.185(4.70)
0.105(2.67)
0.095(2.41)
+0
-0.008(0.20)
SOLDERABLE ENDS
CATHODE BAND
D1=
D2=D1
D2
Dimension in inches (millimeters )
www.paceleader.tw


Similar Part No. - FSM102

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FSM102 RECTRON-FSM102 Datasheet
25Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Dc Components
FSM102 DCCOM-FSM102 Datasheet
488Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Formosa MS
FSM102 FORMOSA-FSM102 Datasheet
31Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FSM102 SHUNYE-FSM102 Datasheet
71Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Nantong Hornby Electron...
FSM102 HORNBY-FSM102 Datasheet
264Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FSM102

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
RS3AB HY-RS3AB Datasheet
91Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
FM4935 LRC-FM4935_15 Datasheet
153Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
RS1A HY-RS1A_17 Datasheet
138Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS1AL HY-RS1AL_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS2AA HY-RS2AA_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3A HY-RS3A_17 Datasheet
155Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3AB HY-RS3AB_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
SMBF202F GOOD-ARK-SMBF202F Datasheet
392Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3A YIXIN-RS3A Datasheet
205Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com