Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL341A Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # GL341A
Description  STANDARD RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

GL341A Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  GL341A Datasheet HTML 1Page - PACELEADER INDUSTRIAL GL341A Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
GL341A thru GL341M
FEATURES
MECHANICAL DATA
UNITS
0C
-65 to +150
pF
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R JC
CJ
1.0
10
1.1
125
TJ
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
5.0
250
15
mA
GL
341A
GL
341B
GL
341D
GL
341M
GL
341K
GL
341J
GL
341G
STANDARD RECOVERY RECTIFIERS
STANDARD RECOVERY RECTIFIERS
Low power loss, high efficient
High surge current capability
Low forward voltage drop
For use in low voltage, highfrequency inverters,
Free wheeling application
Guarding for over voltage protechion
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Current Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current Single Sine-Wave on Rated
Load (JEDEC Method)
Maximum Instantaneous Forward Voltage Drop at 1.0A DC
0
Maximum DC Reverse Current @TA=25 C
0
at Rated DC Blocking Voltage TA=100 C
Typical Junction Capacitance
Typical Thermal Rseistance
Operating Junction and Storage Temperature Range
Case
Molded plastic use UL94V-0 recoqnized
flame retardant epoxy
Terminals
Plated terminals
Polarity Color band on body denotes cathode
Mounting position
Any
Weight 0.0317gram
SOLDERABLE ENDS
0.022(0.559)
0.016(0.406)
0.145(3.683)
0.066(1.676)
+0
-0.008(0.20)
CATHODE BAND
D1=
D2=D1
0.131(3.327)
0.060(1.524)
D2
Dimension in inches (millimeters )
DO-213AA / MINI MELF
www.paceleader.tw


Similar Part No. - GL341A

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34 DCCOM-GL34 Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
GL34 FORMOSA-GL34 Datasheet
66Kb / 2P
Silicon passivated type
GL34 FORMOSA-GL34 Datasheet
52Kb / 1P
Case No. MINI-MELF Device
logo
Dc Components
GL34A DCCOM-GL34A Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
GL34A FORMOSA-GL34A Datasheet
66Kb / 2P
Silicon passivated type
More results

Similar Description - GL341A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N3288A NJSEMI-1N3288A Datasheet
61Kb / 1P
Rectifiers Standard Recovery
logo
Digitron Semiconductors
UT2005 DIGITRON-UT2005 Datasheet
157Kb / 3P
STANDARD RECOVERY RECTIFIERS
BY448 DIGITRON-BY448 Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIERS
A14A DIGITRON-A14A Datasheet
106Kb / 2P
STANDARD RECOVERY RECTIFIERS
1N4001 DIGITRON-1N4001 Datasheet
150Kb / 3P
STANDARD RECOVERY RECTIFIERS
1N3670A DIGITRON-1N3670A Datasheet
162Kb / 3P
STANDARD RECOVERY RECTIFIERS
1N3611 DIGITRON-1N3611 Datasheet
548Kb / 2P
STANDARD RECOVERY RECTIFIERS
1N3208 DIGITRON-1N3208 Datasheet
136Kb / 2P
STANDARD RECOVERY RECTIFIERS
logo
Continental Device Indi...
1N4001 CDIL-1N4001 Datasheet
303Kb / 3P
STANDARD RECOVERY RECTIFIERS
logo
Bruckewell Technology L...
1N4001S-7S BWTECH-1N4001S-7S Datasheet
395Kb / 4P
STANDARD RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com