Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34D Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # GL34D
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

GL34D Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  GL34D Datasheet HTML 1Page - PACELEADER INDUSTRIAL GL34D Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
GL34A thru GL34M
FEATURES
MECHANICAL DATA
UNITS
0C
-65 to +150
pF
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
0C / W
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
R JC
CJ
0.5
30
1.1
50
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
9.0
15
A
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
Ldeal for surface mounted applications
Easy pick and place
Low leakage current
Glass passivated chips
Metallurgically bonded construction
High temperature soldering guaranteed
o
250 C/10 seconds/.375
, (9.5mm) lead lengths
Case
Molded plastic use UL94V-0 recoqnized
flame retardant epoxy
Terminals
Plated terminals, solderable per
MIL-STD-202, Method208
Polarity Silver Color band on body denotes cathode
Mounting position
Any
Weight 0.036gram
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Current Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current@TT=75 C
Peak Forward Surge Current
8.3ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 0.5A
0
Maximum DC Reverse Current @TA=25 C
0
at Rated DC Blocking Voltage TA=125 C
Typical Junction Capacitance (Note 1)
Typical Thermal Rseistance (Note 2)
Operating and Storage Temperature Range TJ, TSTG
NOTES
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C
2. Thermal Resestance From Junction to Ambient
GL
34A
GL
34B
GL
34D
GL
34M
GL
34K
GL
34J
GL
34G
SOLDERABLE ENDS
0.022(0.559)
0.016(0.406)
0.145(3.683)
0.066(1.676)
+0
-0.008(0.20)
CATHODE BAND
D1=
D2=D1
0.131(3.327)
0.060(1.524)
D2
Dimension in inches (millimeters )
DO-213AA / MINI MELF
www.paceleader.tw


Similar Part No. - GL34D

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34D DCCOM-GL34D Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
GL34D FORMOSA-GL34D Datasheet
66Kb / 2P
Silicon passivated type
logo
General Semiconductor
GL34D GE-GL34D Datasheet
80Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GL34D MCC-GL34D Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
GL34D DIOTEC-GL34D Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
More results

Similar Description - GL34D

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_17 Datasheet
138Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
Surface Mount Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
SM1A DACO-SM1A Datasheet
153Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SM5931 DACO-SM5931 Datasheet
962Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S1AL HY-S1AL_V01 Datasheet
803Kb / 3P
Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com