Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGL34A Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # HGL34A
Description  SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

HGL34A Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  HGL34A Datasheet HTML 1Page - PACELEADER INDUSTRIAL HGL34A Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
HGL34A thru HGL34M
FEATURES
MECHANICAL DATA
UNITS
0C
0C
-65 to +150
-65 to +150
pF
nS
SYMBOL
Volts
Volts
Volts
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
0.5
10
1.25
1.35
1.5
TJ
TRR
TSTG
5.0
100
15
50
12
75
A
HGL
34A
50
35
50
HGL
34B
100
70
100
HGL
34D
200
140
200
HGL
34G
400
280
400
HGL
34J
600
420
600
HGL
34K
800
560
800
HGL
34M
1000
700
1000
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
Ldeal for surface mounted applications
Easy pick and place
Low leakage current
Glass passivated chips
Fast switching
Metallurgically bonded construction
High temperature soldering guaranteed
o
250 C/10 seconds/.375
, (9.5mm) lead lengths
Case
Molded plastic use UL94V-0 recoqnized
flame retardant epoxy
Terminals
Plated terminals, solderable per
MIL-STD-202, Method208
Polarity Red Color band on body denotes cathode
Mounting position
Any
Weight 0.036gram
o
Ratings at 25 C ambient temp. unless otherwise specified
Single phase, half sine wave, 60Hz, resistive or inductive load
For capacitive load, derate current by 20%
Maximum Current Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
0
Maximum Average Forward Rectified Current TT=60 C
Peak Forward Surge Current Single Sine-Wave on Rated
Load(JEDEC Method)
Maximum Instantaneous Forward Voltage Drop at 0.5A DC
0
Maximum DC Reverse Current TA=25 C
0
at Rated DC Blocking Voltage TA=125 C
Maximum Reverse Recovery Time
Typical Junction Capacitance
Operating Junction Temperature Range
Storage Temperature Range
NOTES
1. Reverse Recovery Test Conditions IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C
SOLDERABLE ENDS
0.022(0.559)
0.016(0.406)
0.145(3.683)
0.066(1.676)
+0
-0.008(0.20)
CATHODE BAND
D1=
D2=D1
0.131(3.327)
0.060(1.524)
D2
Dimension in inches (millimeters )
DO-213AA / MINI MELF
www.paceleader.tw


Similar Part No. - HGL34A

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
HGL341A PACELEADER-HGL341A Datasheet
629Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
HGL341A LUGUANG-HGL341A Datasheet
612Kb / 2P
SURFACE MOUNT GLASS
logo
PACELEADER INDUSTRIAL
HGL341B PACELEADER-HGL341B Datasheet
629Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
HGL341B LUGUANG-HGL341B Datasheet
612Kb / 2P
SURFACE MOUNT GLASS
logo
PACELEADER INDUSTRIAL
HGL341D PACELEADER-HGL341D Datasheet
629Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HGL34A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM501 RECTRON-HFM501 Datasheet
34Kb / 3P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
PACELEADER INDUSTRIAL
HGL341A PACELEADER-HGL341A Datasheet
629Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
HSM101 PACELEADER-HSM101 Datasheet
406Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
HFM101 TAYCHIPST-HFM101 Datasheet
3Mb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
GOOD-ARK Electronics
L2H1 GOOD-ARK-L2H1 Datasheet
191Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
LH1 GOOD-ARK-LH1 Datasheet
188Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
FH1 GOOD-ARK-FH1 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
Rectron Semiconductor
HFM101F RECTRON-HFM101F Datasheet
247Kb / 8P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM301B RECTRON-HFM301B Datasheet
317Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM1012 RECTRON-HFM1012 Datasheet
170Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com