Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE4120S-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE4120S-R
Description  GNSS Receiver IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE4120S-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE4120S-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE4120S-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE4120S
GNSS Receiver IC
Applications
Dual-mode GPS and Galileo receivers
Software-defined GNSS radio systems
High sensitivity / low power GNSS / A-GNSS apps.
Portable navigation devices, mobile phones, and
GNSS peripheral devices
Telematics equipment
Features
Single conversion L1-band GPS/Galileo radio with
integrated IF filter
2-bit serialized digital I/Q output at near-zero IF
Integrated LNA with high-gain (18.5 dB typ.) and
low NF (1.65 dB typ.)
Very low 2.15 dB typ. RF system noise figure
Low 10 mA operating current with 2.7-3.6 V supply;
8 mA with internal LNA disabled
Low standby current 3 μA typical
Fully integrated VCO and resonator
Integrated PLL supporting 16.368 MHz reference
frequency
I/O supply range extends down to 1.7 V
2.2 x 2.2 x 0.35 mm, 46 pad, 250um pitch, SnAg
solder bump, RoHS-compliant package
Ordering Information
Part No.
Package
Remark
SE4120S-R
46-Pad Chip-Scale
Package
Shipped in Tape
& Reel
Functional Block Diagram
Product Description
The SE4120S is a highly-integrated GNSS radio front
end IC offering high performance and low power
operation in a wide range of low-cost applications. It
supports GPS and dual-mode L1-band GPS/Galileo
products.
The SE4120S features a conditioned
interface for software implementations of GNSS
baseband signal processing.
The SE4120S includes an on-chip LNA, a low IF
receiver with a linear AGC and an advanced multi-bit
I/Q analog to digital converter (ADC) with serialized
data output. The receiver incorporates a fully integrated
image reject mixer, obviating the need for a SAW filter
in many applications. The SE4120S’s on-chip IF filter
may be adjusted from 2.2 MHz BW (for GPS only) to
4.4MHz BW (for simultaneous reception of Galileo and
GPS signals). The digitized I/Q output, centered near-
zero IF, is available in a serialized data stream to
facilitate software signal processing.
The highly-integrated PLL synthesizer of the SE4120S
requires only two passive components to implement an
off-chip loop filter.
The SE4120S is optimized for the lowest possible
power consumption consistent with a very low external
component count.
The SE4120S incorporates current-controlled low-
spurious output buffers which may be run from a
separate external supply to interface to low voltage
systems. Output buffers supply sufficient current to
drive most baseband devices directly.
SE4120
Phase/Frequency
Detector
Quadrature
÷2
Feedback
Divider
IF Filter
~
~
~
VCO
-45°
+45°
ADC
~
AGC
Controller
IQ
Reference
Divider
VTUNE
XTAL2
XTAL1/
TCXO IN
VAGC
CLK_OUT
Chip
Control
Sample
Clock
divider
OSC_EN
RX_EN
FILT_BW
Fs_SEL1
Fs_SEL0
SYNC
DATA_OUT
AGC_DIS
RVI
Buffer
Optional
filter
LNA_IN
LNA_OUT
MIX_IN
LNA
~ Reference
Oscillator
/ Buffer
PLL Loop
Filter
FILT_BW
Data
Downconverter /
Serializer
DST-00118 Rev 4.3 May-26-2009
1 of 2


Similar Part No. - SE4120S-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4120L SIGE-SE4120L Datasheet
129Kb / 2P
GNSS Receiver IC
SE4120L-R SIGE-SE4120L-R Datasheet
129Kb / 2P
GNSS Receiver IC
More results

Similar Description - SE4120S-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4120L SIGE-SE4120L Datasheet
129Kb / 2P
GNSS Receiver IC
logo
Maxim Integrated Produc...
MAX2769C MAXIM-MAX2769C Datasheet
2Mb / 29P
Universal GNSS Receiver
Rev 1; 10/16
MAX2771 MAXIM-MAX2771 Datasheet
1Mb / 50P
Multiband Universal GNSS Receiver
Rev 0; 7/18
logo
Linx Technologies
MDEV-GPS-R4 LINX-MDEV-GPS-R4 Datasheet
2Mb / 9P
GPS / GNSS Receiver Master Development System
MDEV-GNSS-GM LINX-MDEV-GNSS-GM Datasheet
1Mb / 31P
GM Series GNSS Receiver Module
2017
logo
STMicroelectronics
STA5635A STMICROELECTRONICS-STA5635A Datasheet
783Kb / 20P
Automotive Universal GNSS RF Receiver
02-Dec-2020
STA5635S STMICROELECTRONICS-STA5635S Datasheet
237Kb / 7P
Automotive universal GNSS RF receiver
16-Nov-2020
logo
List of Unclassifed Man...
ORG4572 ETC-ORG4572 Datasheet
1Mb / 40P
GNSS RECEIVER MODULE
Revision 3.0 November 23, 2014
logo
Yuechung International ...
YIC-GT-504GGB YIC-YIC-GT-504GGB Datasheet
1Mb / 17P
Multi-Constellation GNSS Receiver (G-Mouse)
YIC-GU-504GGB YIC-YIC-GU-504GGB Datasheet
925Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com